Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 187 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 187 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 183Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 184Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 185Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 186Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 187Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 188Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 189Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 190Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 191Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 209 page
background image
Datasheet
187
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Ordering information
27.1
Part number nomenclature
Table 27-2
Device code nomenclature
Field Description
Value
Meaning
CY
Cypress Prefix
CY
TCategory
T
TRAVEO™
FFamily Name
4
TRAVEO™ T2G (Core M7 dual)
AApplication
D
Cluster with 2D Graphics
D
Code-flash/Work-flash/SRAM
quantity
N
6336 KB / 128 KB / 640 KB
PPackages
J
327-BGA
H
Hardware Option
B
Security on (HSM), RSA - 3K
I
Marketing Option
JPEG
Audio DAC
MIPI
2 x SMIF
A
No
No
No
No
B
No
No
No
Yes
C
No
No
Yes
No
D
No
No
Yes
Yes
E
No
Yes
No
No
F
No
Yes
No
Yes
G
No
Yes
Yes
No
H
No
Yes
Yes
Yes
J
Yes
No
No
No
K
Yes
No
No
Yes
L
Yes
No
Yes
No
M
Yes
No
Yes
Yes
N
Yes
Yes
No
No
P
Yes
Yes
No
Yes
Q
Yes
Yes
Yes
No
R
Yes
Yes
Yes
Yes
CTemperature Grade
S
S-grade (–40°C to 105°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com