Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 186 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 186 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 182Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 183Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 184Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 185Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 186Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 187Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 188Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 189Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 190Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 209 page
background image
27
Ordering information
The CYT4DN microcontroller part numbers and features are listed in Table 27-1.
Table 27-1
CYT4DN ordering information[91]
CYT4DNJBAS
CYT4DNJBACQ1BZSGS
327-BGA
2
6336[93]
128[94]
640
48
12
4221
1
0
0
No
S[95]
0x2E811069[96]
CYT4DNJBBS
CYT4DNJBBCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
0
0
No
S
0x2E812069
CYT4DNJBCS
CYT4DNJBCCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
1
0
1
No
S
0x2E813069
CYT4DNJBDS
CYT4DNJBDCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
0
1
No
S
0x2E814069
CYT4DNJBES
CYT4DNJBECQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
1
1
0
No
S
0x2E815069
CYT4DNJBFS
CYT4DNJBFCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
1
0
No
S
0x2E816069
CYT4DNJBGS
CYT4DNJBGCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
1
1
1
No
S
0x2E817069
CYT4DNJBHS
CYT4DNJBHCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
1
1
No
S
0x2E818069
CYT4DNJBJS
CYT4DNJBJCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
1
0
0
Yes
S
0x2E819069
CYT4DNJBKS
CYT4DNJBKCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
0
0
Yes
S
0x2E81A069
CYT4DNJBLS
CYT4DNJBLCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
1
0
1
Yes
S
0x2E81B069
CYT4DNJBMS
CYT4DNJBMCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
0
1
Yes
S
0x2E81C069
CYT4DNJBNS
CYT4DNJBNCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
1
1
0
Yes
S
0x2E81D069
CYT4DNJBPS
CYT4DNJBPCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
1
0
Yes
S
0x2E81E069
CYT4DNJBQS
CYT4DNJBQCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
1
1
1
Yes
S
0x2E81F069
CYT4DNJBRS[92]
CYT4DNJBRCQ1BZSGS
327-BGA
2
6336
128
640
48
12
4221
2
1
1
Yes
S
0x2E820069
Notes
91.Supported shipment types are “Tray” (default) and “Tape and Reel”. Add the character ‘T’ at the end to get the ordering code for “Tape and Reel” shipment type.
92.This part is available as an engineering sample.
93.Code-flash size 6336 KB = 32 KB × 190 (Large Sectors) + 8 KB × 32 (Small Sectors).
94.Work-flash size 128 KB = 2 KB × 48 (Large Sectors) + 128 B × 256 (Small Sectors).
95.S-grade Temperature (–40 °C to 105 °C).
96.JTAG ID CODE bits 12 through 27, represents the Silicon ID of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com