Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 183 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 183 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 179Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 180Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 181Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 182Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 183Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 184Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 185Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 186Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 187Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 209 page
background image
Datasheet
183
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-8
TTL display out timing
Figure 26-9
Video capture timing
SID1435
tHS-SKIP
Time interval during which the
HS-RX should ignore any transi-
tions on the Data Lane, following a
HS burst. The end point of the
interval is defined as the beginning
of the LP-11 state following the HS
burst.
40
–
55 +
4 × UI
ns
SID1436
VΔVCMRX_HF
Common-mode interference
–
–
100
mV
Beyond 450 MHz
SID1437
VΔVCMRX_LF
Common-mode interference
–
–
50
mV
50 to 450 MHz
SID1438
CCM
Common Mode termination
–
–
60
pF
SID1439
tE_SPIKE
Input pulse rejection
–
–
300
ps
SID1440
tMIN_RX
Minimum pulse width response
–
–
20
ns
SID1443
tSETUP_BGA
Data to Clock setup time
0.2
–
–
UI
SID1444
tHOLD_BGA
Clock to Data told time
0.2
–
–
UI
SID1445
IVDDA_1P4GBPS_HS
Current in high speed max
frequency
–
–
35
mA
SID1446
IVDDA_10M_LP
Current in LP mode max frequency
–
–
2
mA
Table 26-39
Graphics specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
tDC1CYC
tDC1S
tDC1H
VOH
DSP1_CLK
DSP1_DATA0_11-0
DSP1_DATA1_11-0
DSP1_CTRL2_0
Valid
VOH
tCAP0CYC
tCAP0SU
CAP0_CLK
CAP0_DATA[35-0]
Valid
tCAP0HD
VIH
VIL
VIH
VIH
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com