Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 180 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 180 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 176Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 177Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 178Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 179Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 180Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 181Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 182Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 183Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 184Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 209 page
background image
Datasheet
180
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.15
Graphics subsystem specifications
Table 26-39
Graphics specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
Display Output - TTL Mode
Recommended I/O configuration:
HSIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b01
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> = 0b010, CFG_SLEW_EXT/SLEW<0:0> = 0b0
SID866A
tDC1CYC
Clock Cycle
12.5
–
–
ns
TTL_DSP1_CLOCK,
CL = 15 pF
SID873A
tDC1CKPW
Clock pulse width
0.40 ×
tDC1CYC
–
0.60 ×
tDC1CYC
ns
TTL_DSP1_CLOCK pulse
width,
CL = 15 pF
SID868A
tDC1S
Data/Control output to TTL_D-
SP1_CLOCK time
4
–
–
ns
TTL_DSP1_DATA_A0[11-0]
TTL_DSP1_DATA_A1[11-0]
TTL_DSP1_CONTROL[11-0]
(TCON for FPD-Link)
CL = 15 pF
SID869A
tDC1H
TTL_DSP1_CLOCK to Data/Control
valid time
2.5
–
–
ns
TTL_DSP1_DATA_A0[11-0]
TTL_DSP1_DATA_A1[11-0]
TTL_DSP1_CONTROL[11-0]
(TCON for FPD-Link)
CL = 15 pF
SID890
tDSP0_CON-
TROL_SKEW
TTL_DSP0_CONTROL skew
–
–
4
ns
Skew between signals
TTL_DSP0_CONTROL[11-3]
CL = 15 pF
Display Capture
Recommended I/O configuration:
CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0
SID875
tCAP0CYC
Display capture Clock Cycle
12.5
–
–
ns
TTL_CAP0_CLK (HSIO)
SID876
tCAP0SU
Display capture data setup time
1.9
–
–
ns
TTL_CAP0_DATA[35-0]
(HSIO)
SID877
tCAP0HD
Display capture data hold time
2.7
–
–
ns
TTL_CAP0_DATA[35-0]
(HSIO)
FPD-Link
SID880
IVDDA
Total analog supply current in TX
mode
–
–
30
mA
SID881
IVDDPLL
Total PLL supply current in TX
mode
–
–
4
mA
SID881B
IVDDHA
Total I/O (LVDS driver) supply
current in TX mode
–
–
91
mA
SID882
IVDDA_DPIX
Total analog supply current in
Dual-Pixel mode
–
–
60
mA
SID883
IVDDPLL_DPIX
Total PLL supply current in
Dual-Pixel mode
–
–
4
mA
SID883B
IVDDHA_DPIX
Total I/O (LVDS driver) supply
current in Dual-Pixel mode
–
–
182
mA
SID884
IVDDA_PD
Total analog supply current in
Power-Down mode
–
4
300
µA
Typ: TA = 25°C, VDDA_FPD =
1.15 V, process typ (TT)
Max: TA = 105°C, VDDA_FPD =
1.21 V, process worst (FF)
SID884_1 IVDDA_PD_1
Total analog supply current in
Power-Down mode (room temp)
–
–
5
µA
Max: TA = 25°C, VDDA_FPD =
1.15 V (max VREG),
process worst (FF)
SID884_2 IVDDA_PD_2
Total analog supply current in
Power-Down mode
–
–
40
µA
Max: TA = 85°C, VDDA_FPD =
1.15 V (max VREG),
process worst (FF)
SID885
IVDDPLL_PD
Total PLL supply current in
Power-Down mode
–
3
200
µA
Typ: TA = 25°C, VDDPLL_FPD =
1.15 V, process typ (TT)
Max: TA = 105°C, VDDPLL_FPD
= 1.21 V, process worst (FF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com