Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 176 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 176 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 172Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 173Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 174Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 175Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 176Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 177Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 178Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 179Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 180Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 209 page
background image
Datasheet
176
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Table 26-38
SMIF specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions
Standard SPI SDR
Recommended configuration:
HSIO_ENH/1.8V I/O: CFG_OUT2/DS_TRIM<2:0 = 0b110, CFG_SLEW_EXT/SLEW<0:0> = 0b0
SMIF_CORE_CTL2:TX_SDR_EXTRA_SETUP = 1
DLL Tap settings for SMIF0/1:
SMIF_CORE_CTL2:MDL_TAP_SEL = 12
Following DLL Tap settings have to be used if DLP is not used:
SMIF_CORE_DEVICE_RX_CAPTURE_CONFIG:NEG_SDL_TAP_SEL / POS_SDL_TAP_SEL = 8
All timings aligned with respect to VT = (50% × VDDIO_SMIF).
SID1600[87] tCK
Interface clock period
6
–
100
ns
15-pF output loads,
at 1.8 V
160 MHz ≤ fDLL≤ 333MHz
SID1601
tCKPW
Clock pulse width
0.45 ×
tCK
–
0.55 ×
tCK
ns
15-pF output loads
SID1602_HS tCSS
CS# active setup to CK
(fCK > 50 MHz)
4
–
–
ns
15-pF output loads,
fCK > 50 MHz
Guaranteed by
design
SID1602_LS tCSS
CS# active setup to CK
(fCK ≤ 50 MHz)
5
–
–
ns
15-pF output loads,
fCK ≤ 50 MHz
Guaranteed by
design
SID1603
tCSH0
CS# active hold to CK
(mode 0)
4
–
–
ns
15-pF output loads
Guaranteed by
design
SID1604
tCSH3
CS# active hold to CK
(mode 3)
6
–
–
ns
15-pF output loads
Guaranteed by
design
SID1605[88] tOSU
Outputsetup timeof DQ[7:0] to
CK high (fCK = 166 MHz)
2.1
–
–
ns
15-pF output loads,
using 1.8 V
SID1606[89] tOH
Output hold time of DQ[7:0] to
CK high (fCK = 166 MHz)
2.1
–
–
ns
15-pF output loads,
using 1.8 V
SID1607
tIN_V
CK low to DQ[7:0] input valid
time
1
–
6.7
ns
Only valid in DLP
mode
SID1607B
tISU
DQ[7:0] input setup time
tCK/4
– 0.25
–
–
ns
Only valid in non-DLP
mode
160MHz≤fDLL≤333MHz
80 MHz ≤ fCK ≤ 166 MHz
SMIF0_COREx-
_CTL2.CLKOUT_DIV =
0b00 (divide by 2)
Reference CK edge: Fall
(pos edge capture
mode)
Note
87.Ensure to explicitly configure PLL#400 in Integer mode with "SSCG = OFF", "Fractional = OFF".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com