Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 177 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 177 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 173Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 174Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 175Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 176Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 177Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 178Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 179Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 180Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 181Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 209 page
background image
Datasheet
177
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID1607C
tISU
DQ[7:0] input setup time
tCK/2
–
–
ns
Only valid in non-DLP
mode
160MHz≤fDLL≤320MHz
10 MHz ≤ fCK ≤ 80 MHz
SMIF0_COREx-
_CTL2.CLKOUT_DIV =
[0b01, 0b10, 0b11]
(divide by 4, 8, 16)
Reference CK edge: Fall
(pos edge capture
mode)
SID1608
tIH
DQ[7:0] input hold time
1.5
–
–
ns
Only valid in non-DLP
mode
200MHz<fDLL≤333MHz
100 MHz < fCK ≤ 166 MHz
SMIF0_COREx-
_CTL2.CLKOUT_DIV =
0b00 (divide by 2)
Reference CK edge: Fall
(pos edge capture
mode)
SID1608A
tIH
DQ[7:0] input hold time
1
–
–
ns
Only valid in non-DLP
mode
160MHz≤fDLL≤200MHz
80 MHz ≤ fCK ≤ 100 MHz
SMIF0_COREx-
_CTL2.CLKOUT_DIV =
0b00 (divide by 2)
Reference CK edge: Fall
(pos edge capture
mode)
SID1608C
tIH
DQ[7:0] input hold time
0
–
–
ns
Only valid in non-DLP
mode
160MHz≤fDLL≤320MHz
10 MHz ≤ fCK ≤ 80 MHz
SMIF0_COREx-
_CTL2.CLKOUT_DIV =
[0b01, 0b10, 0b11]
(divide by 4, 8, 16)
Reference CK edge: Fall
(pos edge capture
mode)
SID1609
tRDV
Input data valid time of DQ[7:0] 3.8
–
–
ns
Only valid in DLP
mode
SID1610
tCS
CS# HIGH time (Read)
10
–
–
ns
15-pF output loads
Guaranteed by
design
SID1610A
tCS
CS# High time (Read when
Reset feature and Quad mode
are both enabled and aborted
transaction)
20
–
–
ns
15-pF output loads
Guaranteed by
design
Table 26-38
SMIF specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com