Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 173 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 173 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 169Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 170Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 171Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 172Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 173Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 174Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 175Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 176Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 177Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 209 page
background image
Datasheet
173
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.14
Serial memory interface specifications
Table 26-35
xSPI specifications
Spec ID
Parameter
Description
Min
Max
Min
Max
Min
Max
Units
xSPI (JEDEC JESD251)
xSPI333
xSPI266
xSPI200
Recommended I/O configuration:
xSPI333: HSIO_ENH/1.8 V: CFG_OUT2/DS_TRIM<2:0> = 0b110, CFG_SLEW_EXT/SLEW<0:0> = 0b0 (dual slave [7.5 pF < load  15 pF])
xSPI333: HSIO_ENH/1.8 V: CFG_OUT2/DS_TRIM<2:0> = 0b100, CFG_SLEW_EXT/SLEW<0:0> = 0b0 (single slave [load  7.5 pF])
xSPI266: HSIO_ENH/1.8 V: CFG_OUT2/DS_TRIM<2:0> = 0b110, CFG_SLEW_EXT/SLEW<0:0> = 0b0 (dual slave [7.5 pF < load  15 pF])
xSPI266: HSIO_ENH/1.8 V: CFG_OUT2/DS_TRIM<2:0> = 0b100, CFG_SLEW_EXT/SLEW<0:0> = 0b0 (single slave [load  7.5 pF])
xSPI200: HSIO_ENH/1.8 V: CFG_OUT2/DS_TRIM<2:0> = 0b110, CFG_SLEW_EXT/SLEW<0:0> = 0b0 (dual slave [7.5 pF < load  15 pF])
xSPI200: HSIO_ENH/1.8 V: CFG_OUT2/DS_TRIM<2:0> = 0b100, CFG_SLEW_EXT/SLEW<0:0> = 0b0 (single slave [load  7.5 pF])
SID1500
tCK
Interface clock period (JEDEC)
6
–
7.5
–
10
–
ns
SID1500DS
tCK
Interface clock period (JEDEC with slave DS)
6.8
–
7.5
–
10
–
ns
SID1500CM
tCK
Interface clock period (CMOS)
6
–
7.5
–
10
–
ns
SID1501
tCKDCD
Allowable clock distortion[86]
–
0.05 × tCK
–
0.05 × tCK
–
0.05 × tCK
ns
SID1502
tCKMPW
Minimum clock pulse width (JEDEC)
2.7
–
3.375
–
4.5
–
ns
SID1502DS
tCKMPW
Minimum clock pulse width (JEDEC with
slave DS)
3.06
–
3.375
–
4.5
–
ns
SID1502CM
tCKMPW
Minimum clock pulse width (CMOS)
2.7
–
3.375
–
4.5
–
ns
SID1503
OUT_SR
Output slew rate with respect to VOH/VOL
0.94
–
0.75
–
0.56
–
V/ns
SID1504
tOSU
Output setup time of DS and I/O[7:0] to CK
0.7
–
0.9
–
1.1
–
ns
SID1505
tOH
Output hold time of DS and I/O[7:0] to CK
0.7
–
0.9
–
1.1
–
ns
SID1506
IN_SR
Input slew rate with respect to VIH/VIL
0.94
–
0.75
–
0.56
–
V/ns
SID1507
tDSMPW
Input min pulse width of DS (JEDEC)
2.46
–
3.075
–
4.1
–
ns
SID1507CM
tDSMPW
Input min pulse width of DS (CMOS)
2.46
–
3.075
–
4.1
–
ns
SID1508
tRQ
Input DS to I/O[7:0] valid time (JEDEC)
–
0.54
–
0.675
–
0.9
ns
SID1508CM
tRQ
Input DS to I/O[7:0] valid time (CMOS)
–
0.51
–
0.675
–
0.9
ns
SID1509
tRQH
Input I/O[7:0] invalid to DS time (JEDEC)
–
0.54
–
0.675
–
0.9
ns
SID1509CM
tRQH
Input I/O[7:0] invalid to DS time (CMOS)
–
0.51
–
0.675
–
0.9
ns
SID1511
tCKLCSL
CK LOW to CS LOW
4.8
–6
–8
–
ns
SID1512
tCSLCKH
CS LOW to CK HIGH
4.8
–
6–
8–
ns
SID1513
tCKLCSH
CK LOW to CS HIGH
4.8
–
6–
8–
ns
SID1514
tCSHCKH
CS HIGH to CK HIGH
4.8
–
6
–
8
–
ns
SID1515
tDSLCSH
DS LOW to CS HIGH
4.8
–
6–
8–
ns
SID1516
tCSHDST
CS HIGH to DS High-Z
–
6
–
7.5
–
10
ns
SID1517
tCSLDSL
CS LOW to DS LOW
0
–0
–0
–
ns
SID1518
tDSTCSL
DS High-Z to CS LOW
0
–0
–0
–
ns
Notes
86. PLL#400 with SSCG = 0, fractional divider = off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com