Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 171 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 171 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 167Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 168Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 169Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 170Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 171Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 172Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 173Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 174Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 175Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 209 page
background image
Datasheet
171
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.13
CXPI specifications
SID1315
PSRR_1K
PSRR @ 1 kHz,
digital input = 0
–
–50
–
dB Digital input: zero noise
1 kHz
SID1316
PSRR_20K
PSRR @ 20 kHz,
digital input = 0
–
–40
–
dB Digital input: zero noise
20 kHz
SID1318
IDD
Supply current
normal operation
–
2.2
3.2
mA
SID1319
IDD_OFF
Supply current
power-down
–
1
100
µA Typ: TA = 25 °C, VDDA_DAC =
5.0 V, process typ (TT)
Max: TA = 105 °C, VDDA_DAC =
5.5 V, process worst (FF)
SID1320
tSTART
Startup Time
–
–
70
ms C_L and C_R should be
2.2 µF
Table 26-34
CXPI specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions
SID1400 fCLK_AHB
CLK_PERI clock frequency
–
–
100
MHz Guaranteed by
design,
AHB Interface
clock
SID1402 tBIT_CONT
Width of clock disparity against
thebitwidthtBIT_REFofnominal
signaling rate
–0.5
–
+0.5
%
Guaranteed by
design
SID1403 tRX_0_HI_CONT The time that should be
detected the receiving node is
HIGH level.
0.02
–
–
tBIT tBIT = 1 / fBRC,
Guaranteed by
design
SID1404 tTX_DIF_CONT
Difference of width of
LOW-level at the constant
threshold that receiving node
should discriminate logic ‘1’
and logic ‘0’
0.05
–
–
tBIT tBIT = 1 / fBRC,
Guaranteed by
design
tTX_DIF_CONT =
tTX_0_LO – tTX_1_LO
SID1405 tTX_0_P-
D_CONT
[85]
At the time of logical value ‘0’
outputs, time from the LOW
level detection of the communi-
cation bus unit falling the
voltage “TH_dom”.
–
–
0.01
tBIT tBIT = 1 / fBRC,
CTL0.FILTER_EN
bit = '0',
Guaranteed by
design
SID1406 tTX_0_P-
D_CONT
[85]
At the time of logical value ‘0’
outputs, time from the
LOW-level detection of the
communication bus unit falling
the voltage “TH_dom”.
–
–
0.0125
tBIT tBIT = 1 / fBRC,
CTL0.FILTER_EN
bit = '1',
Guaranteed by
design
SID1407 tRX_0_FF_CONST Delay from external serial data
input pin to a flop. This is a
standard to satisfy AC.11.
––
20
ns
Guaranteed by
design
Table 26-33
Sound subsystem specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions
Note
85.The AC spec according to CXPI controller specification is maximum 0.01 tBIT. The AC spec, according to the CXPI system specification,
including transceiver or driver/receiver is maximum 0.1 tBIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com