Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 170 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 170 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 166Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 167Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 168Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 169Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 170Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 171Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 172Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 173Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 174Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 209 page
background image
Datasheet
170
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID1111
tMCLKI_DUTY Master clock input
duty cycle
40
–
50
%
Guaranteed by design
Sound Generator
Recommended I/O configuration:
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b01
GPIO_SMC: CFG_OUT/DRIVE_SEL<1:0> = 0b01
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> = 0b011, CFG_SLEW_EXT/SLEW<0:0> = 0b0
SID1102
fPWM
PWM sample
frequency
15
–
60
kHz Guaranteed by design
SID1103
tMCLK
Master clock input
period
10
–
–
ns Guaranteed by design
SID1104
tMCLKI_DUTY Master clock input
duty cycle
40
–
50
%
Guaranteed by design
AudioDAC
SID1300
fCLKDA0
System clock
frequency
2.048
–
18.432 MHz All parameters specified
fS = 44.1 kHz, system clock
256 × fS and 16-bit data,
RL = 20 kΩ,
CL = 100 pF,
unless otherwise noted
SID1301
fS
Sampling clock
8
–
48
kHz
SID1302
RL
Analog output load
resistance
20
–
–
kΩ DAC_L, DAC_R
SID1303
CL
Analog output load
capacitance
–
–
100
pF DAC_L, DAC_R
SID1304
CCOM
Com Capacitance
2.2
–
10
µF C_L, C_R
SID1305
VOUT_MAX
Analog output
single-end output
range (±full scale)
0.655 ×
VDDA_DAC
0.673 ×
VDDA_DAC
0.690 ×
VDDA_DAC
VP-P DAC_L, DAC_R,
RL = 20 kΩ,
CL = 100 pF
SID1306
VOUT_ZERO
Analog output
voltage (zero)
0.49 ×
VDDA_DAC
0.5 ×
VDDA_DAC
0.51 ×
VDDA_DAC
V
DAC_L, DAC_R
SID1307
THD + N
THD + N (Signal to
Noise + Distortion
ratio)
–
–82
–72
dB These values do not include the
noise caused by the analog
power supply.
Signal frequency: 1 kHz
LPF (fC: 20 kHz)
SID1308
SNR
Signal to Noise ratio
85
89
–
dB These values do not include the
noise caused by the analog
power supply.
Signal frequency: 1 kHz
LPF (fC: 20 kHz) A-weighting
filter
SID1309
DR
Dynamic range
83
86
–
dB These values do not include the
noise caused by the analog
power supply.
Signal frequency: 1 kHz
LPF (fC: 20 kHz) A-weighting
filter
SID1310
GAIN_MM
Gain mismatch
between channels
–
–
0.4
dB Signal frequency: 1 kHz
SID1312
CH_SEP
Channel Separation
–
80
–
dB
SID1313
ZOUT
Output impedance
150
200
250
Ω
SID1314
PSRR_50
PSRR @ 50 Hz,
digital input = 0
–
–35
–
dB Digital input: zero noise
50 Hz
Table 26-33
Sound subsystem specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com