Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 167 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 167 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 163Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 164Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 165Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 166Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 167Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 168Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 169Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 170Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 171Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 209 page
background image
Datasheet
167
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID753
tSCLK_TRANS
SCLK transition timing
1
–
8
ns
20% to 80%
SID754
tMCLK_TRANS
MCLK transition timing
1
–
8
ns
20% to 80%
SID755
tDATA_TRANS
DATA transition timing
1
–
8
ns
20% to 80%
TDM I/O Settings
Recommended I/O configuration:
For serial clock above 25 MHz
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> = 0b011, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1, CFG_SLEW_EXT/SLEW<0:0> = 0b0
For serial clock in between 12.5 MHz, and 25 MHz
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
GPIO_ENH: CFG_OUT/DRIVE_SEL<1:0> = 0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1, CFG_OUT/SLOW<0:0> = 0b0
For serial clock up to 25 MHz
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> = 0b100, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1, CFG_SLEW_EXT/SLEW<0:0> = 0b0
For serial clock up to 12.5 MHz
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
GPIO_ENH: CFG_OUT/DRIVE_SEL<1:0> = 0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1, CFG_OUT/SLOW<0:0> = 0b0
GPIO_SMC: CFG_OUT/DRIVE_SEL<1:0> = 0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
TDM Serial Clock
SID1000B tSCLK
Serial clock period,
TDM[x]
(x=0 through 3)
40
–
–
ns Guaranteed by Design
TX Master:
TX_IF_CTL.SCK_POLARITY = 0
RX Master:
RX_IF_CTL.LATE_SAMPLE = 1
RX_IF_CTL.LATE_CAPTURE =
0b00
TX Slave:
Set TX_IF_CTL.SCK_POLARITY = 1
RX Slave:
RX_IF_CTL.SCK_POLARITY= 0
For TDM channels on GPIO_STD,
GPIO_ENH, HSIO_STDLN, type
IO-cells
SID1000D tSCLK
Serial clock period,
TDM[x]
(x=0 through 3)
80
–
–
ns Guaranteed by Design
TX Master:
TX_IF_CTL.SCK_POLARITY = 0
RX Master:
RX_IF_CTL.LATE_SAMPLE = 1
RX_IF_CTL.LATE_CAPTURE =
0b00
TX Slave:
Set TX_IF_CTL.SCK_POLARITY = 1
RX Slave:
RX_IF_CTL.SCK_POLARITY = 0
SID1000E
tSCLK
Serial clock period,
TDM[x]
(x=0 through 1)
20
–
–
ns Guaranteed by Design
TX Master:
TX_IF_CTL.SCK_POLARITY = 0
RX Master:
not supported at 50MHz
TX Slave:
not supported at 50MHz
RX Slave:
not supported at 50MHz
For TDM channels on
HSIO_STDLN type IO-cells
Table 26-33
Sound subsystem specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com