Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 165 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 165 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 161Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 162Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 163Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 164Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 165Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 166Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 167Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 168Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 169Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 209 page
background image
Datasheet
165
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-29 RGMII Rx timing diagram
26.11.1
Minimum bus frequency requirements
The following table details the required minimum operating frequencies for all possible Ethernet configurations
and MAC speeds. Ethernet module uses AXI interface for DMA access.
Table 26-32
Minimum AXI frequency for MAC speeds
DMA bus width
MAC rate
Minimum AXI frequency
64
1 Gbps
65 MHz
64
100 Mbps
10 MHz
64
10 Mbps
10 MHz
1
RX_CLK,
TX_CLK
TX_CTL,
RX_CTL, TXD,
RXD
1: TX_CLK and RX_CLK clock cycle = 1/fCYC
2: Data to clock input skew = tSKEWR
100 %
50 %
0 %
100 %
50 %
0 %
22
2 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com