Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 161 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 161 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 159Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 160Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 161Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 162Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 163Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 164Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 165Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 209 page
background image
Datasheet
161
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.11
Ethernet specifications
Table 26-31
Ethernet specifications
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/
conditions
Ethernet General Specifications
SID364C
CL
Load capacitance
–
–
25
pF for all between MAC and
PHY for MII-IF, RMII-IF,
MDC/MDIO-IF
SID364A
CL
Load capacitance
–
–
10
pF for all between MAC and
PHY for RGMII-IF
SID368
fSYS
System clock max
frequency
–
–
100
MHz Guaranteed by design
SID369
fAXI
AXI clock max frequency
–
–
200
MHz Guaranteed by design
Ethernet MII Specifications
Recommended I/O configuration:
HSIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b10, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
SID370
tTXCYC
MII tx_clk cycle
39.5
40
40.5
ns
SID371
tRXCYC
MII rx_clk cycle
39.5
40
40.5
ns
SID372B
tSKEWT
MII Transmit data
(txd,tx_en,tx_er) valid
after tx_clk
0–
25
ns
SID373
tSUR
MII Receive data setup to
rx_clk rising edge
10
–
–
ns
SID374
tHOLDR
MII Receive data hold to
rx_clk rising edge
10
–
–
ns
SID375
fTXRX_CLK
MII TX/RX_CLK Clock
frequency
–50ppm 25 +50ppm MHz
SID376B
DUTY_TX-
RX_CLK
TX/RX_CLK Duty cycle
35
–
65
%
SID365A
tRF
Input rise / fall time
–
–
2
ns 20% to 80%
SID365E_1
tRFO
Output rise / fall time
–
–
6.5
ns 20% to 80%
Ethernet RMII Specifications
Recommended I/O configuration:
HSIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
SID375A
fREF_CLK
RMII reference clock
frequency (input)
–50ppm 50 +50ppm MHz
SID375B
fREF_-
CLK_OUT
RMII reference clock
frequency (output)
–2%
50
+2%
MHz
SID376C
DUTY_REF Duty cycle of reference
clock (output)
35
–
65
%
SID377
tSU
RXD[1:0], CRS_DV, RX_ER
Data Setup to REF_CLK
rising edge.
4––
ns
SID378
tHOLD
RXD[1:0], CRS_DV, RX_ER,
Data hold from REF_CLK
rising edge
2––
ns
SID379
tTXOUT
TXD[1:0], TX_EN Data
output delay from
REF_CLK rising edge
2–
14
ns
SID365C
tRF
Input rise / fall time
–
–
2
ns 20% to 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com