Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 159 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 159 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 159Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 160Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 161Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 162Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 163Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 209 page
background image
Datasheet
159
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-24 WCO connection scheme[84]
SID352
FLL_CJIT
FLL frequency accuracy
–1
–
1
%
This is added to the error
of the source
SID353
fFLL_IN
Input frequency
0.25
–
100
MHz
Table 26-27
WCO Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions
SID360
fWCO
Watch crystal frequency
–
32.768
–
kHz Tuning Fork Crystal with
following parameters:
DL (drive level) ≥ 0.5 µW,
ESR ≤ 130 kΩ
SID361
WCO_DC
WCO duty cycle
10
–
90
%
SID362
tSTART_WCO
WCO start up time[83]
–
–
1000
ms
Time from oscillator
enable
(BACKUP_CTL.WCO_EN
<0:0>=0b1) to stable
oscillation and sufficient
amplitude
(BACKUP_STATUS.WCO
_OK<0:0>=0b1)
SID363
IWCO
WCO current
–
1.4
–
µA
AGC=OFF
Table 26-28
External clock input specifications
Spec ID Parameter
Description
Min Typ Max Units
Details/conditions
SID366
fEXT
External clock input
frequency
0.25
–
100 MHz For EXT_CLK pin (all input level
settings: CMOS, TTL, Automotive)
SID367
EXT_DC
Duty cycle
45
–
55
%
Table 26-26
FLL specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/conditions
WCO_IN
WCO_OUT
MCU
C1
C2
Rd
VSS
C3*
C4*
Rf
VDDD
VSS
WCO_IN: Watch crystal oscillator input pin
WCO_OUT: Watch crystal oscillator output pin
C1, C2: Load Capacitors
C3*, C4*: Stray Capacitance of the PCB
0R
Notes
83.Oscillator startup time is a performance parameter and mainly depending on the chosen external crystal and load capacitance.
84.Refer to the family-specific Architecture TRM for more information on crystal requirements (002-25800, TRAVEO™ T2G Automotive
MCU cluster 2D architecture technical reference manual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com