Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 157 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 157 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 159Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 160Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 161Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 209 page
background image
Datasheet
157
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Table 26-25
PLL specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/conditions
PLL Specifications for “PLL without SSCG and Fractional Operation” (PLL200)
SID340
tPLL200_LOCK Time to achieve PLL lock
–
–
35
µs
Time from stable
reference clock until PLL
frequency is within 0.1%
of final value and lock
indicator is set
SID341
fOUT
Output frequency from
PLL block (PLL_OUT)
10.998
–
200.03 MHz
SID346
fIN
PLL input frequency
(Reference Clock fREF)
3.988
–
33.34 MHz
SID347
IPLL_200M
PLL operating current
–
0.87
1.85
mA fOUT = 200 MHz
SID348C fPLL_VCO
VCO frequency, clock
output of 'Voltage Control
Oscillator (VCO)'
169.97
45
–
400.06 MHz
SID349C fPLL_PFD
Phase Detector
Frequency, clock output
of the Reference Divider
(Q) and Feedback Divider
(P)
3.988
–
8.0012 MHz
SID342
PLL_LJIT1
Long term jitter
–0.25
–
0.25
ns
For 125 ns
Guaranteed by design
fPLL_VCO: 320 MHz or 400 MHz
fPLL_OUT: 40 MHz to 200 MHz
fPLL_PFD: 8 MHz
fPLL_IN: ECO
SID343
PLL_LJIT2
Long term jitter
–0.5
–
0.5
ns
For 500 ns
Guaranteed by design
fPLL_VCO: 320 MHz or 400 MHz
fPLL_OUT: 40 MHz to 200 MHz
fPLL_PFD: 8 MHz
fPLL_IN: ECO
SID344
PLL_LJIT3
Long term jitter
–0.5
–
0.5
ns
For 1000 ns
Guaranteed by design
fPLL_VCO: 320 MHz or 400 MHz
fPLL_OUT: 40 MHz to 200 MHz
fPLL_PFD: 8 MHz
fPLL_IN: ECO
SID345A1 PLL_LJIT5
Long term jitter
–0.75
–
0.75
ns
For 10000 ns
Guaranteed by design
fPLL_VCO: 320 MHz or 400 MHz
fPLL_OUT: 40 MHz to 200 MHz
fPLL_PFD: 8 MHz
fPLL_IN: ECO
PLL Specifications for “PLL with SSCG and Fractional Operation” (PLL400)
SID340A tPLL400_LOCK Time to achieve PLL lock
–
–
50
µs
SID341A fOUT
Output frequency from
PLL block (PLL_OUT)
24.996
–
400.06 MHz
SID343A SPREAD_D
Spread spectrum
modulation depth
0.5
–
3
%
Downspread only,
triangle modulation
SID343B fSPREAD_MR
Spread spectrum
modulation rate
––
32
kHz Selected by modulation
divider from fPFD
SID346A fIN
PLL input frequency
(Reference Clock fREF)
3.988
–
33.34 MHz
SID347A IPLL_400M
PLL operating current
–
1.4
2.2
mA fOUT = 400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com