Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 156 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 156 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 152Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 159Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 160Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 209 page
background image
Datasheet
156
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-22 LPECO connection scheme[80]
Figure 26-23 ECO connection scheme[82]
Table 26-24
ECO specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/conditions
SID330
fECO
Crystal frequency range
7.2
–
33.34 MHz
SID332
RFDBK
Feedback resistor value.
Min: RTRIM = 3; Max: RTRIM = 0
with 100 kΩ step size on RTRIM
100
–
400
kΩ Guaranteed by design
SID333
IECO3
ECO current at TJ = 150 °C
–
1200 2000
µA
Maximum operation
current at 33 MHz crystal,
up to 18 pF load
SID334
tSTART_7M
7.2-MHz ECO startup time[81]
––
10
ms Startup time to 90% of final
frequency. Time from oscil-
lator enable (CLK_ECO_-
CONFIG.ECO_EN<0:0>=0b1
) to stable oscillation and
sufficient amplitude
(CLK_ECO_STATUS.ECO_O
K<0:0>=0b1 and
CLK_ECO_STATUS.ECO_RE
ADY<0:0>=0b1).
SID335
tSTART_33M
33-MHz ECO startup time[81]
––
1
ms Startup time to 90% of final
frequency. Time from oscil-
lator enable (CLK_ECO_-
CONFIG.ECO_EN<0:0>=0b1
) to stable oscillation and
sufficient amplitude
(CLK_ECO_STATUS.ECO_O
K<0:0>=0b1 and
CLK_ECO_STATUS.ECO_RE
ADY<0:0>=0b1).
Notes
80.Refer to the family-specific Architecture TRM for more information on crystal requirements (002-25800, TRAVEO™ T2G Automotive
Cluster 2d Family Architecture Technical Reference Manual (TRM)).
81.Oscillator startup time is a performance parameter and mainly depending on the chosen external crystal and load capacitance.
82.Refer to the family-specific Architecture TRM for more information on crystal requirements (002-25800, TRAVEO™ T2G Automotive
MCU cluster 2D architecture technical reference manual).
ECO_IN
ECO_OUT
MCU
C1
C2
Rd
0R
VSS
C3*
C4*
Rf
VDDD
VSS
Rd
ECO_IN: External crystal oscillator input pin
ECO_OUT: External crystal oscillator output pin
C1, C2: Load Capacitors
C3*, C4*: Stray Capacitance of the PCB
FTrim
RTrim
ITrim
GTrim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com