Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 152 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 152 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 148Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 149Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 150Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 151Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 152Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 209 page
background image
26.10
Clock specifications
Table 26-19
Root and intermediate clocks[73, 74]
Root Clock
Maximumpermitted
clock frequency
(MHz)[75]
Source
Maximum permitted clock frequency (MHz)[75]
Description
PLL/FLL Clock source: ECO/LPECO[76]
PLL/FLL Clock source: IMO[77, 78]
Integer
SSCG
Fractional
Integer
SSCG
Fractional
CLK_HF0
200
PLL200#0
200
NA
NA
191
NA
NA
Root clock for CPUSS, PERI (CLK_MEM)
FLL
100
NA
NA
100
NA
NA
100
PLL200#0
100
NA
NA
95
NA
NA
PERI (CLK_SLOW, CLK_PERI)
FLL
100
NA
NA
97
NA
NA
CLK_HF1
320
PLL400#0
320
313
316
306
300
303
CM7 CPU Core#0, CM7 CPU Core#1 clock
FLL
100
NA
NA
100
NA
NA
CLK_HF2
100
PLL200#1
100
NA
NA
95
NA
NA
Peripheral clock root other than CLK_PERI
FLL
100
NA
NA
97
NA
NA
CLK_HF3
100
PLL200#0
100
NA
NA
95
NA
NA
Event generator (CLK_REF), clock output on EXT_CLK pins (when used as output)
FLL
100
NA
NA
97
NA
NA
CLK_HF4
50
PLL200#0
50
NA
NA
47
NA
NA
ETH Channel#0. Internal clock 50 MHz for RMII, External PHY provides 25 MHz for MII
FLL
50
NA
NA
48
NA
NA
CLK_HF5
200
PLL400#1 / PLL400#2 /
EXT_CLK
200
196
198
191
187
189
Sound Subsystem #0 root clock, ETH0 TSU clock (CLK_IF_SRSS0)
FLL
100
NA
NA
100
NA
NA
CLK_HF6
200
PLL400#1 / PLL400#2 /
EXT_CLK
200
196
198
191
187
189
Sound Subsystem #1 root clock (CLK_IF_SRSS1)
FLL
100
NA
NA
100
NA
NA
CLK_HF7
200
PLL400#1 / PLL400#2 /
EXT_CLK
200
196
198
191
187
189
Sound Subsystem #2 root clock (CLK_IF_SRSS2)
FLL
100
NA
NA
100
NA
NA
CLK_HF8
370
PLL400#1
333
326
329
318
312
315
SMIF#0 root clock
PLL400#2
333
362
366
318
312
315
FLL
NA
NA
NA
NA
NA
NA
Notes
73.Intermediate clocks that are not listed have the same limitations as that of their parent clock.
74.Table indicates guaranteed mapping between a root clock (CLK_HFx) and the PLL.
75.Maximum clock frequency after the corresponding clock source (PLL/FLL + dividers). All internal tolerances and affects are covered by these frequencies.
76.For ECO, LPECO: up to ±150ppm uncertainty of the external clock source are tolerated by design.
77.The IMO operation frequency tolerance is included.
78.ROM and flash boot execution with IMO/FLL at 100 MHz is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com