Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 153 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 153 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 149Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 150Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 151Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 152Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 209 page
background image
CLK_HF9
370
PLL400#1
333
326
329
318
312
315
SMIF#1 root clock
PLL400#2
333
362
366
318
312
315
FLL
NA
NA
NA
NA
NA
NA
CLK_HF10
254
PLL400#3
254
250
252
243
239
241
Video Subsystem root clock
FLL
100
NA
NA
100
NA
NA
CLK_HF11
224
PLL400#4
224
220
222
214
210
212
Display#0 root clock (range: 110 MHz to 220 MHz)
PLL200#2
200
NA
NA
191
NA
NA
FLL
100
NA
NA
100
NA
NA
CLK_HF12
224
PLL400#4
224
220
222
214
210
212
Display#1 root clock (range: 110 MHz to 220 MHz)
PLL200#2
200
NA
NA
191
NA
NA
FLL
100
NA
NA
100
NA
NA
CLK_HF13
ILO
NA
CSV Dedicated (< 1MHz)
CLK_FAST_0
320
CLK_HF1
320
313
316
306
302
305
CM7 CPU Core#0, intermediate clock
FLL
100
NA
NA
100
NA
NA
CLK_FAST_1
320
CLK_HF1
320
313
316
306
302
305
CM7 CPU Core#1, intermediate clock
FLL
100
NA
NA
100
NA
NA
CLK_MEM
200
CLK_HF0
200
NA
NA
191
NA
NA
Intermediate clock for SMIF, Flash, Ethernet, VIDEOSS
FLL
100
NA
NA
100
NA
NA
CLK_SLOW
100
CLK_HF0
100
NA
NA
95
NA
NA
Generated by clock gating CLK_MEM, intermediate clock for CM0+, P-DMA, M-DMA,
Crypto, SMIF, VIDEOSS
FLL
100
NA
NA
97
NA
NA
CLK_PERI
100
CLK_HF0
100
NA
NA
95
NA
NA
Generated by clock gating CLK_HF0, intermediate clock for IOSS, TCPWM0, CPU trace,
SMIF, Sound Subsystem, Ethernet
FLL
100
NA
NA
97
NA
NA
Table 26-19
Root and intermediate clocks[73, 74]
Root Clock
Maximumpermitted
clock frequency
(MHz)[75]
Source
Maximum permitted clock frequency (MHz)[75]
Description
PLL/FLL Clock source: ECO/LPECO[76]
PLL/FLL Clock source: IMO[77, 78]
Integer
SSCG
Fractional
Integer
SSCG
Fractional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com