Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 150 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 150 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 146Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 147Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 148Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 149Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 150Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 151Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 152Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 209 page
background image
Datasheet
150
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-20 LVD specifications
26.9.1
SWD, JTAG, and trace specifications
Table 26-16
SWD interface specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions
Recommended I/O Configuration:
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> =0b00, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
SID300
fSWDCLK
SWD clock input frequency
–
–
10
MHz 2.7 V ≤ VDDIO_GPIO ≤ 5.5 V
SID301
tSWDI_SETUP SWDI setup time
0.25 × T
–
–
ns
T = 1 / fSWDCLK
SID302
tSWDI_HOLD
SWDI hold time
0.25 × T
–
–
ns
T = 1 / fSWDCLK
SID303
tSWDO_VALID SWDO valid time
–
–
0.5 × T
ns
T = 1 / fSWDCLK
SID304
tSWDO_HOLD SWDO hold time
1
–
–
ns
T = 1 / fSWDCLK
Table 26-17
JTAG AC specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions
Recommended I/O Configuration:
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b00, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
SID620
tJCKH
TCK HIGH time
25
–
–
ns
30-pF load on TDO
SID621
tJCKL
TCK LOW time
25
–
–
ns
30-pF load on TDO
SID622
tJCP
TCK clock period
62.5
–
–
ns
30-pF load on TDO
SID623
tJSU
TDI/TMS setup time
6.25
–
–
ns
30-pF load on TDO
SID624
tJH
TDI/TMS hold time
6.25
–
–
ns
30-pF load on TDO
SID625
tJZX
TDO High-Z to active
–
–
25
ns
30-pF load on TDO
SID626
tJXZ
TDO active to High-Z
–
–
25
ns
30-pF load on TDO
SID627
tJCO
TDO clock to output
–
–
25
ns
30-pF load on TDO
VDDD
Internal LVD signal
LVD falling detection point
tDLY_ACT/DS_LVD
LVD rising detection point
tDLY_ACT/DS_LVD
LVD
tRES_LVD
LVD falling detection point
VDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com