Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 147 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 147 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 143Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 144Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 145Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 146Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 147Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 148Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 149Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 150Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 151Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 209 page
background image
Datasheet
147
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-14 Device operations supply range
Figure 26-15 POR specifications
Reset
By HV OVD
Normal
Operation
Reset
By HV BOD
Reset
By POR
Enable
Disable
High-Z
Normal
Operation
High-Z
CPU and
Peripherals
Regulators
I/O
VDDD
6.0 V
HV OVD rising trip
(Default: 5.548 V to
5.892 V)
HV BOD rising trip
(Default: 2.474 V to
2.627 V)
POR rising trip
(1.5 V to 2.35 V)
-0.3 V
Reset
By
XRES_L
OFF
Disable
High-Z
CPU and
Peripherals
Regulators
I/O
VDDD
XRES_L
HIGH Level
LOW Level
OFF
CMOS threshold
(0.7 V)
VDDD
Internal reset by POR
2.3 V
tDLY_POR
POR
tPOFF
1.45 V
VDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com