Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 146 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 146 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 142Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 143Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 144Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 145Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 146Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 147Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 148Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 149Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 150Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 209 page
background image
Datasheet
146
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID583
VTR_5P5_F
High-voltage OVD 5.5-V trimmed
falling trip point for VDDD and
VDDA_ADC (default)
5.524
5.695
5.866
V
SID585
HVOVD_RR_A
Power ramp rate: VDDD and VDDA_ADC
(Active)
––
100
mV/µs
SID586
HVOVD_RR_DS
Power ramp rate: VDDD and VDDA_ADC
(DeepSleep)
––
10
mV/µs
SID587
tDLY_ACT_HVOVD Active mode delay between VDDD
falling/rising through VTR_5P0_F/R or
VTR_5P5_F/R and an internal HV OVD
output transitioning through VDDD / 2
––
1µs
Guaranteed by
design
SID587A tDLY_ACT_H-
VOVD_A
Active mode delay between VDDA_ADC
falling/rising through VTR_5P0_F/R or
VTR_5P5_F/R and an internal HV OVD
output transitioning through VDDD / 2
––
1.5
µs
Guaranteed by
design
SID587B tDLY_DS_HVOVD DeepSleep mode delay between
VDDD/VDDA_ADC falling/rising through
VTR_5P0_F/R or VTR_5P5_F/R and an
internal HV OVD output transitioning
through
VDDD / 2
––
4µs
Guaranteed by
design
SID588
tRES_HVOVD
Response time of HV OVD HV OVD
guaranteed to generate pulse for
VDDD/VDDA_ADC pulse width greater
than this. (For rising-then-falling
supply at max ramp rate; pulse width
is time above VTR_5P0_R or VTR_5P5_R)
100
–
–
ns
Guaranteed by
design
Low-voltage OVD specifications
SID590
VTR_R_LVOVD
LV OVD trimmed rising trip point for
VCCD
Typ – 3% 1300 Typ + 3%
mV
SID591
VTR_F_LVOVD
LV OVD trimmed falling trip point for
VCCD
Typ – 3% 1275 Typ + 3%
mV
Same as
VTR_R_LVOVD – 25 mV
SID595
tDLY_ACT_LVOVD Active mode delay between VCCD
falling/rising through VTR_F/R_LVOVD
and an internal LV OVD output transi-
tioning through VDDD / 2
––
1µs
Guaranteed by
design
SID595A tDLY_DS_LVOVD DeepSleepmodedelaybetweenVCCD
falling/rising through VTR_F/R_LVOVD
and an internal LV OVD output transi-
tioning through VDDD / 2
––
12
µs
Guaranteed by
design
SID596
tRES_LVOVD
Response time of LV OVD. LV OVD
guaranteed to generate pulse for
VCCD pulse width greater than this.
(For rising-then-falling supply at max
ramp rate; pulse width is time above
VTR_R_LVOVD)
100
–
–
ns
Guaranteed by
design
Over current detection (OCD) specifications
SID598
IOCD
Over current detection range for
internal Active regulator
312
–
630
mA
Guaranteed by
design
SID599
IOCD_DPSLP
Over current detection range for
internal DeepSleep regulator
18
–
72
mA
Table 26-15
System resources (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com