Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 142 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 142 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 138Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 139Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 140Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 141Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 142Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 143Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 144Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 145Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 146Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 209 page
background image
Datasheet
142
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.9
System resources
Table 26-15
System resources
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions
Power-on reset specifications
SID270
VPOR_R
POR rising trip voltage
1.5
–
2.35
V
Guaranteed by
design
SID276
VPOR_F
POR falling trip voltage
1.45
–
2.1
V
SID271
VPOR_H
Level detection hysteresis
20
–
300
mV
SID272
tDLY_POR
Delay between VDDD rising through
2.3 V and POR reset output rising
through VDDD / 2
––
3µs
Guaranteed by
design
SID273
tPOFF
Power off time
350
–
–
µs
VDDD < 1.45 V
Does not apply to
SID274A and
SID274B
SID274A POR_RR1
VDDD power ramp rate with robust
BOD - XRES_L asserted
(BOD operation is guaranteed)
––
100
mV/µs Applies to ramp up
and ramp down
SID274B POR_RR1
VDDD power ramp rate with robust
BOD - XRES_L de-asserted
(BOD operation is guaranteed)
1–
100
mV/µs Applies to ramp up
and ramp down
SID275
POR_RR2
VDDD power ramp rate without robust
BOD
100
–
1000
mV/µs This ramp does not
support robust
BOD
tPOFF must be
satisfied.
Applies to ramp up
and ramp down
High-voltage BOD (HV BOD) specifications
SID500
VTR_2P7_R
HVBOD2.7Vtrimmedrisingtrippoint
for VDDD and VDDA_ADC (default)
2.474
2.55
2.627
V
SID501
VTR_2P7_F
HV BOD 2.7 V trimmed falling trip
point for VDDD and VDDA_ADC (default)
2.449
2.525
2.601
V
SID502
VTR_3P0_R
HVBOD3.0Vtrimmedrisingtrippoint
for VDDD and VDDA_ADC
2.765
2.85
2.936
V
SID503
VTR_3P0_F
HV BOD 3.0 V trimmed falling trip
point for VDDD and VDDA_ADC
2.74
2.825
2.91
V
SID505
HVBOD_RR_A Power ramp rate: VDDD and VDDA_ADC
(Active)
––
100
mV/µs
SID506
HVBOD_RR_D
S
Power ramp rate: VDDD and VDDA_ADC
(DeepSleep)
––
10
mV/µs
SID507
tDLY_ACT_HVBOD Active mode delay between VDDD
falling/rising through VTR_2P7_F/R or
VTR_3P0_F/R and an internal HV BOD
output transitioning through VDDD / 2
––
0.5
µs
Guaranteed by
design
SID507A tDLY_ACT_H-
VBOD_A
Active mode delay between VDDA_ADC
falling/rising through VTR_2P7_F/R or
VTR_3P0_F/R and internal HV BOD
output transitioning through VDDD / 2
––
1µs
Guaranteed by
design
SID507B tDLY_DS_HVBOD DeepSleep mode delay between
VDDD/VDDA_ADC falling/rising through
VTR_2P7_F/R or VTR_3P0_F/R and an
internal HV BOD output transitioning
through VDDD /2
––
4µs
Guaranteed by
design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com