Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 141 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 141 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 137Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 138Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 139Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 140Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 141Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 142Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 143Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 144Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 145Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 209 page
background image
Datasheet
141
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID262
tSECTORE-
RASE4
Sector erase time
(work-flash, 128 B)
–5
15
ms Includes internal
preprogramming time
SID263
tWRITE1
64-bit write time (code-flash)
–
30
60
µs
Excludes system
overhead time
SID264
tWRITE2
256-bit write time
(code-flash)
–40
70
µs
Excludes system
overhead time
SID265
tWRITE3
4096-bit write time
(code-flash)
–
320 1200
µs
Excludes system
overhead time
SID266
tWRITE4
32-bit write time (work-flash)
–
30
60
µs
Excludes system
overhead time
SID267
tFRET1
Code-flash retention.
1000 program/erase cycles
20
–
–
years Temperature at
write/erase time.
TA ≤ +85°C average
SID182T1 tFRET2
Code-flash retention.
100 program/erase cycles
50
–
–
years Temperature at
write/erase time.
TA ≤ +30°C average
SID268
tFRET3
Work-flash retention.
125,000 program/erase
cycles
20
–
–
years Temperature at
write/erase time.
TA ≤ +85°C average
SID269
tFRET4
Work-flash retention.
250,000 program/erase
cycles
10
–
–
years Temperature at
write/erase time.
TA ≤ +85°C average
SID182T2 tFRET5
Work-flash retention.
1000 program/erase cycles
50
–
–
years Temperature at
write/erase time.
TA ≤ +30°C average
SID612
ICC_ACT2
Program operating current
(code or work-flash)
–15
62
mA VDDD = 5 V, VCCD = 1.1 V
Guaranteed by design
SID613
ICC_ACT3
Erase operating current
(code- or work-flash)
–15
62
mA VDDD = 5 V, VCCD = 1.1 V
Guaranteed by design
Table 26-14
Flash AC specifications (continued)
Spec ID
Parameter
Description
Min
Typ Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com