Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 143 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 143 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 139Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 140Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 141Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 142Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 143Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 144Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 145Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 146Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 147Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 209 page
background image
Datasheet
143
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID508
tRES_HVBOD
Response time of HV BOD,
VDDD/VDDA_ADC supply. HV BOD
guaranteed to generate pulse for
VDDD/VDDA_ADC pulse width greater
than this. (For falling-then-rising
supply at max ramp rate; pulse width
is time below VTR_2P7_F or VTR_3P0_F)
100
–
–
ns
Guaranteed by
design
Low-voltage BOD (LV BOD) specifications
SID510
VTR_R_LVBOD
LV BOD trimmed rising trip point for
VCCD
0.917
0.945
0.973
V
SID511
VTR_F_LVBOD
LV BOD trimmed falling trip point for
VCCD
0.892
0.92
0.948
V
SID515
tDLY_ACT_LVBOD Active delay between VCCD
falling/rising through VTR_R/F_LVBOD
and an internal LV BOD output transi-
tioning through VDDD / 2
––
1µs
Guaranteed by
design
SID515A tDLY_DS_LVBOD DeepSleepmodedelaybetweenVCCD
falling/rising through VTR_R/F_LVBOD
and an internal LV BOD output transi-
tioning through VDDD / 2
––
12
µs
Guaranteed by
design
SID516
tRES_LVBOD
Response time of LV BOD. LV BOD
guaranteed to generate pulse for
VCCD pulse width greater than this.
(For falling-then-rising supply at max
ramp rate; pulse width is time below
VTR_F_LVBOD)
100
–
–
ns
Guaranteed by
design
Low-voltage detector (LVD) DC specifications
SID520
VTR_2P8_F
LVD 2.8 V trimmed falling trip point for
VDDD
Typ – 4% 2800 Typ + 4%
mV
SID521
VTR_2P9_F
LVD 2.9 V trimmed falling trip point for
VDDD
Typ – 4% 2900 Typ + 4%
mV
SID522
VTR_3P0_F
LVD 3.0 V trimmed falling trip point for
VDDD
Typ – 4% 3000 Typ + 4%
mV
SID523
VTR_3P1_F
LVD 3.1 V trimmed falling trip point for
VDDD
Typ – 4% 3100 Typ + 4%
mV
SID524
VTR_3P2_F
LVD 3.2 V trimmed falling trip point for
VDDD
Typ – 4% 3200 Typ + 4%
mV
SID525
VTR_3P3_F
LVD 3.3 V trimmed falling trip point for
VDDD
Typ – 4% 3300 Typ + 4%
mV
SID526
VTR_3P4_F
LVD 3.4 V trimmed falling trip point for
VDDD
Typ – 4% 3400 Typ + 4%
mV
SID527
VTR_3P5_F
LVD 3.5 V trimmed falling trip point for
VDDD
Typ – 4% 3500 Typ + 4%
mV
SID528
VTR_3P6_F
LVD 3.6 V trimmed falling trip point for
VDDD
Typ – 4% 3600 Typ + 4%
mV
SID529
VTR_3P7_F
LVD 3.7 V trimmed falling trip point for
VDDD
Typ – 4% 3700 Typ + 4%
mV
SID530
VTR_3P8_F
LVD 3.8 V trimmed falling trip point for
VDDD
Typ – 4% 3800 Typ + 4%
mV
SID531
VTR_3P9_F
LVD 3.9 V trimmed falling trip point for
VDDD
Typ – 4% 3900 Typ + 4%
mV
SID532
VTR_4P0_F
LVD 4.0 V trimmed falling trip point for
VDDD
Typ – 4% 4000 Typ + 4%
mV
Table 26-15
System resources (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com