Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 144 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 144 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 140Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 141Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 142Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 143Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 144Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 145Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 146Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 147Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 148Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 209 page
background image
Datasheet
144
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID533
VTR_4P1_F
LVD 4.1 V trimmed falling trip point for
VDDD
Typ – 4% 4100 Typ + 4%
mV
SID534
VTR_4P2_F
LVD 4.2 V trimmed falling trip point for
VDDD
Typ – 4% 4200 Typ + 4%
mV
SID535
VTR_4P3_F
LVD 4.3 V trimmed falling trip point for
VDDD
Typ – 4% 4300 Typ + 4%
mV
SID536
VTR_4P4_F
LVD 4.4 V trimmed falling trip point for
VDDD
Typ – 4% 4400 Typ + 4%
mV
SID537
VTR_4P5_F
LVD 4.5 V trimmed falling trip point for
VDDD
Typ – 4% 4500 Typ + 4%
mV
SID538
VTR_4P6_F
LVD 4.6 V trimmed falling trip point for
VDDD
Typ – 4% 4600 Typ + 4%
mV
SID539
VTR_4P7_F
LVD 4.7 V trimmed falling trip point for
VDDD
Typ – 4% 4700 Typ + 4%
mV
SID540
VTR_4P8_F
LVD 4.8 V trimmed falling trip point for
VDDD
Typ – 4% 4800 Typ + 4%
mV
SID541
VTR_4P9_F
LVD 4.9 V trimmed falling trip point for
VDDD
Typ – 4% 4900 Typ + 4%
mV
SID542
VTR_5P0_F
LVD 5.0 V trimmed falling trip point for
VDDD
Typ – 4% 5000 Typ + 4%
mV
SID543
VTR_5P1_F
LVD 5.1 V trimmed falling trip point for
VDDD
Typ – 4% 5100 Typ + 4%
mV
SID544
VTR_5P2_F
LVD 5.2 V trimmed falling trip point for
VDDD
Typ – 4% 5200 Typ + 4%
mV
SID545
VTR_5P3_F
LVD 5.3 V trimmed falling trip point for
VDDD
Typ – 4% 5300 Typ + 4%
mV
SID546
VTR_2P8_R
LVD 2.8 V trimmed rising trip point for
VDDD
Typ – 4% 2825 Typ + 4%
mV
Same as VTR_2P8_F+
25 mV
SID547
VTR_2P9_R
LVD 2.9 V trimmed rising trip point for
VDDD
Typ – 4% 2925 Typ + 4%
mV
Same as VTR_2P9_F+
25 mV
SID548
VTR_3P0_R
LVD 3.0 V trimmed rising trip point for
VDDD
Typ – 4% 3025 Typ + 4%
mV
Same as VTR_3P0_F+
25 mV
SID549
VTR_3P1_R
LVD 3.1 V trimmed rising trip point for
VDDD
Typ – 4% 3125 Typ + 4%
mV
Same as VTR_3P1_F+
25 mV
SID550
VTR_3P2_R
LVD 3.2 V trimmed rising trip point for
VDDD
Typ – 4% 3225 Typ + 4%
mV
Same as VTR_3P2_F+
25 mV
SID551
VTR_3P3_R
LVD 3.3 V trimmed rising trip point for
VDDD
Typ – 4% 3325 Typ + 4%
mV
Same as VTR_3P3_F+
25 mV
SID552
VTR_3P4_R
LVD 3.4 V trimmed rising trip point for
VDDD
Typ – 4% 3425 Typ + 4%
mV
Same as VTR_3P4_F+
25 mV
SID553
VTR_3P5_R
LVD 3.5 V trimmed rising trip point for
VDDD
Typ – 4% 3525 Typ + 4%
mV
Same as VTR_3P5_F+
25 mV
SID554
VTR_3P6_R
LVD 3.6 V trimmed rising trip point for
VDDD
Typ – 4% 3625 Typ + 4%
mV
Same as VTR_3P6_F+
25 mV
SID555
VTR_3P7_R
LVD 3.7 V trimmed rising trip point for
VDDD
Typ – 4% 3725 Typ + 4%
mV
Same as VTR_3P7_F+
25 mV
SID556
VTR_3P8_R
LVD 3.8 V trimmed rising trip point for
VDDD
Typ – 4% 3825 Typ + 4%
mV
Same as VTR_3P8_F+
25 mV
SID557
VTR_3P9_R
LVD 3.9 V trimmed rising trip point for
VDDD
Typ – 4% 3925 Typ + 4%
mV
Same as VTR_3P9_F+
25 mV
SID558
VTR_4P0_R
LVD 4.0 V trimmed rising trip point for
VDDD
Typ – 4% 4025 Typ + 4%
mV
Same as VTR_4P0_F+
25 mV
Table 26-15
System resources (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com