Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 151 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 151 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 147Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 148Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 149Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 150Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 151Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 152Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 209 page
background image
Datasheet
151
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-21 JTAG specifications
Table 26-18
Trace specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/conditions
Recommended I/O Configuration:
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> = 0b000, CFG_SLEW_EXT/SLEW<0:0> = 0b0
SID1412A CTRACE
Trace capacitive load
–
–
30
pF
SID1412 tTRACE_CYC
Trace clock period
20
–
–
ns
Trace clock cycle time
for 50 MHz
SID1413 tTRACE_CLKL Trace clock LOW pulse width
2
–
–
ns
Clock low pulse width
SID1414 tTRACE_CLKH Trace clock HIGH pulse width
2
–
–
ns
Clock high pulse width
SID1415 tTRACE_SETUP Trace data setup time
2
–
–
ns
Trace data setup time,
CLK_PERI ≥ 75 MHz
SID1416 tTRACE_HOLD Trace data hold time
1
–
–
ns
Trace data hold time,
CLK_PERI ≥ 75 MHz
SID1415A tTRACE_SETUP Trace data setup time
3
–
–
ns
Trace data setup time,
CLK_PERI < 75 MHz
SID1416A tTRACE_HOLD Trace data hold time
2
–
–
ns
Trace data hold time,
CLK_PERI < 75 MHz
TDO
TDI/TMS
TCK
tJCKH
tJCKL
tJCP
tJSU
tJH
tJZX
tJCO
tJXZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com