Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 154 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 154 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 150Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 151Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 152Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 209 page
background image
Datasheet
154
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Table 26-20
PLL400 operation modes
PLL400 operation mode
Spread spectrum clock generation
(SSCG)
Fractional
Integer
OFF
OFF
SSCG
ON
OFF
Fractional
OFF
ON
Table 26-21
IMO AC specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions
SID310
fIMO
IMO operating frequency 7.632
8
8.368
MHz Accuracy after factory
trimming
SID311
tSTARTIMO
IMO startup time
–
–
7.5
µs
Startup time to 90% of
final frequency
SID312
IIMO_ACT
IMO current
–
13.5
22
µA
Guaranteed by design
Table 26-22
ILO AC specifications
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions
SID320
fILOTRIM
ILO operating frequency 30.965 32.768 34.57
kHz 5.5% accuracy after factory
trimming
SID321
tSTARTILO
ILO startup time
–
8
12
µs
Startup time to 90% of final
frequency
SID323
IILO
ILO current
–
500
2800
nA
Guaranteed by design
Table 26-23
LPECO specifications
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions
SID325
fLPECO
LPECO operating
frequency
3.99
–
8.01
MHz Drive level protection DL ≥
100 µW, ESR ≤ 200 Ω Crystal load
capacitance (CL)
5 pF to 25 pF
SID329
ILPECO_4M
LPECO current at 4 MHz
–
93
110
µA
Shared with GPIO, Load: 10 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
SID354
ILPECO_4M
LPECO current at 4 MHz
–
97
125
µA
Shared with GPIO, Load: 15 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
SID326
ILPECO_4M
LPECO current at 4 MHz
–
106
145
µA
Shared with GPIO, Load: 20 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
SID355
ILPECO_4M
LPECO current at 4 MHz
–
115
155
µA
Shared with GPIO, Load: 25 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
SID356
ILPECO_8M
LPECO current at 8 MHz
–
140
165
µA
Shared with GPIO, Load: 10 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
SID357
ILPECO_8M
LPECO current at 8 MHz
–
149
175
µA
Shared with GPIO, Load: 15 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
SID327
ILPECO_8M
LPECO current at 8 MHz
–
165
190
µA
Shared with GPIO, Load: 20 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
Note
79.Oscillator startup time is a performance parameter and mainly depending on the chosen external crystal and load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com