Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 158 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 158 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 159Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 160Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 161Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 162Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 209 page
background image
Datasheet
158
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID348A fPFD_S
Phase Detector
Frequency, clock output
of the Reference Divider
(Q) and Feedback Divider
(P)
3.988
–
20.003 MHz Fractional operation OFF
SID349A fPFD_F
Phase Detector
Frequency, clock output
of the Reference Divider
(Q) and Feedback Divider
(P)
7.9988
–
20.003 MHz Fractional operation ON
SID345A fVCO
VCO frequency,
Clock output of 'Voltage
Control Oscillator (VCO)'
399.94
–
800.12 MHz
SID342D1 PLL400_LJIT1 Long term jitter
–0.25
–
0.25
ns
For 125 ns
Guaranteed by Design
fVCO: 800 MHz
(Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
SID343D1 PLL400_LJIT2 Long term jitter
–0.5
–
0.5
ns
For 500 ns
Guaranteed by Design
fVCO: 800 MHz
(Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
SID344D1 PLL400_LJIT3 Long term jitter
–1
–
1
ns
For 1000 ns
Guaranteed by Design
fVCO: 800 MHz
(Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
SID345E1 PLL400_LJIT5 Long term jitter
–1.5
–
1.5
ns
For 10000 ns
Guaranteed by Design
fVCO: 800 MHz
(Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Table 26-26
FLL specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/conditions
SID350
tFLL_WAKE
FLL wake up time
–
–
5
µs
Wakeup with < 10 °C
temperature change
while in DeepSleep.
fFLL_IN = 8 MHz,
fFLL_OUT = 100 MHz,
Time from stable
reference clock until FLL
frequency is within 5% of
final value
SID351
fFLL_OUT
Output frequency from
FLL block
24
–
100
MHz Output range of FLL
divided-by-2 output
Table 26-25
PLL specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com