Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 162 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 162 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 159Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 160Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 161Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 162Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 163Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 164Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 165Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 166Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 209 page
background image
Datasheet
162
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID365F_1
tRFO
Output rise / fall time
–
–
6.5
ns 20% to 80%
Ethernet RGMII Specifications
Recommended I/O configuration
HSIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b00, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0
SID385
fCYC
REF_CLK, TX_CLK and
RX_CLK clock frequency
–50
ppm
125
+50
ppm
MHz
SID386
DUTY_REF Duty cycle of reference
clock
45
–
55
%
SID385_1 fP_TXCRXC
TX(TXC)_CLK (External
mode) and RX(RXC)_CLK
clock frequency
–50
ppm
125
+50
ppm
MHz
SID385B
tP_TXCRXC
TX(TXC)_CLK (External
mode)/RX(RXC)_CLK
clock period
7.2
8
8.8
ns
SID387
tSKEWT
Data to clock output skew
–0.5
–
0.5
ns
SID388
tSKEWR
Data to clock input skew
1
–
2.6
ns
SID365
tRF
Rise / fall time
–
–
0.75
ns 20% to 80%, using
HSIO_STD
Ethernet MDIO Specifications
SID395
tMDCYC
MDC clock cycle
400
–
–
ns
SID395A
tHL_MDC
MDIO Minimum high and
low times for MDC
160
–
–
ns
SID396
tMDIS
MDIO input setup time to
MDC rising edge
100
–
–
ns
SID397
tMDIH
MDIO input hold time to
MDC rising edge
0––
ns
SID398
tMDIO
MDIO output skew from
MDC rising edge
10
–
390
ns
SID365D
tRF
Input rise / fall time
–
–
2
ns 20% to 80%
SID365G_1 tRFO
Output MDIO rise / fall time
–
–
6.5
ns
20% to 80%
Table 26-31
Ethernet specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com