Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 164 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 164 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 160Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 161Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 162Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 163Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 164Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 165Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 166Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 167Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 168Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 209 page
background image
Datasheet
164
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-27 RMII timing diagram
Figure 26-28 RGMII Tx timing diagram
1
REF_CLK
RXD, RX_CTL,
RX_ER
1: RMII reference clock cycle = 1/fREF_CLK
2: Data setup to REF_CLK rising edge = tSU
3: Data hold from REF_CLK rising edge = tHOLD
4: Data output delay from REF_CLK_rising edge = tTXOUT
2
3
0.8 V
2.0 V
4
0.8 V
2.0 V
TXD, TX_CTL
1.4 V
1
RX_CLK,
TX_CLK
TX_CTL,
RX_CTL, TXD,
RXD
1: TX_CLK and RX_CLK clock cycle = 1/fCYC
2: Data to clock output skew = tSKEWT
100 %
50 %
0 %
100 %
50 %
0 %
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com