Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 166 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 166 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 162Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 163Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 164Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 165Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 166Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 167Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 168Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 169Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 170Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 209 page
background image
Datasheet
166
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.12
Sound subsystem specifications
Table 26-33
Sound subsystem specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions
I2S I/O settings
Recommended I/O configuration:
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> =0b100, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1, CFG_SLEW_EXT/SLEW<2:0>
=0b000
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> =0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
GPIO_ENH: CFG_OUT/DRIVE_SEL<1:0> =0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1, CFG_OUT/SLOW<0:0> =0b0
GPIO_SMC: CFG_OUT/DRIVE_SEL<1:0> =0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b1
I2S Serial Clock Frequency
SID796
tSCLK
Serial clock period
162
–
–
ns Guaranteed by design
No feature is used for low
frequency I2S operation:
DUT RX Master:
* RX_IF_CTL.LATE_SAMPLE = 0
* RX_IF_CTL.LATE_CAPTURE =
0b00
DUT TX Slave: No special
configuration
DUT RX Slave:
* RX_IF_CTL.LATE_SAMPLE = 0
SID797
tHC
Serial clock high
time
0.35 ×
tSCLK
–
–
ns Guaranteed by design
SID798
tLC
Serial clock low
time
0.35 ×
tSCLK
–
–
ns Guaranteed by design
SID799
tMCLK
Master clock period
20
–
–
ns Guaranteed by design
I2S Transmitter Timing
SID740
tDTR
Delay from rising
edge of TX_CLK to
transition on
TX_SD/TX_FSYNC
(WS)
–
–
0.8 ×
tSCLK
ns Guaranteed by design
SID741
tHTR
Delay from rising
edge of TX_CLK to
transition on
TX_SD/TX_FSYNC
(WS)
0
–
–
ns Guaranteed by design
SID743
tHR_WS_POL_0 TX Slave: Hold on
TX_FSYNC (WS) after
the 1st edge following
the driving edge of
TX_CLK (SCK_PO-
LARITY = 0, half-cycle
hold)
1.8
–
–
ns
I2S Receiver Timing
SID751
tSR
Setup on
RX_SD/RX_FSYNC
(WS) before the
rising edge to
RX_CLK
0.2 ×
tSCLK
–
–
ns Guaranteed by Design
Setup time is independent from
RX_IF_CTL.LATE_SAMPLE,
RX_IF_CTL.LATE_CAPTURE or
SCK_POLARITY setting
SID752A
tHR
Hold on
RX_SD/RX_FSYNC
(WS) after the rising
edge to RX_CLK
1.8
–
–
ns Guaranteed by Design
Sampling edge w.r.t driving edge
of RX_SCLK: 1st edge (0.5 x tSCLK)
RX-Master:
RX_IF_CTL.LATE_SAMPLE = 0,
RX_IF_CTL.LATE_CAPTURE =
0b00
RX-Slave: SCK_POLARITY = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com