Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 168 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 168 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 164Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 165Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 166Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 167Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 168Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 169Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 170Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 171Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 172Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 209 page
background image
Datasheet
168
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID1001
tHC
Serial clock high
time
0.35 ×
tSCLK
–
–
ns Guaranteed by design
SID1002
tLC
Serial clock low
time
0.35 ×
tSCLK
–
–
ns Guaranteed by design
SID1010
tMCLK
Master clock input
period
10
–
–
ns MCLK must be SCLK*2; The
maximum output frequency of
the TDM depends on the used I/O
type.
SID1002A tMCLK
Master clock output
period
20
–
–
ns For TDM channels on
HSIO_STDLN type I/Os
SID1002B tMCLK
Master clock output
period
40
–
–
ns For TDM channels on GPIO_STD,
GPIO_ENH type I/Os
SID1002C tMCLK
Master clock output
period
80
–
–
ns For TDM channels on GPIO_SMC
type I/Os
SID1002D tMCLK_IH
Master clock input
high time
0.45 ×
tMCLK
–
–
ns
SID1002E
tMCLK_IL
Master clock input
low time
0.45 ×
tMCLK
–
–
ns
SID1002F
tMCLK_OH
Master clock output
high time
0.35 ×
tMCLK
–
–
ns Only if internal clock source,
divided EXT_CLK input, or
EXT_CLK input on HSIO_STDLN is
used
SID1002G tMCLK_OL
Master clock output
low time
0.35 ×
tMCLK
–
–
ns Only if internal clock source,
divided EXT_CLK input, or
EXT_CLK input on HSIO_STDLN is
used
TDM Transmit Timing
SID1003
tDTR
Delay from rising
edge of TX_CLK to
transition on
TX_SD/TX_FSYNC
(WS)
–
–
0.8 ×
tSCLK
ns Guaranteed by design
SID1004
tHTR
Delay from rising
edge of TX_CLK to
transition on
TX_SD/TX_FSYNC
(WS)
0
–
–
ns Guaranteed by design
SID1011
tHR_WS_POL_0 TX Slave: Hold on
TX_FSYNC (WS)
after the 1st edge
following the
driving edge of
TX_CLK (SCK_POLARITY
= 0, half-cycle hold)
1.8
–
–
ns
SID1012
tHR_WS_POL_1 TX Slave: Hold on
TX_FSYNC (WS)
after the 2nd edge
following the
driving edge of
TX_CLK (SCK_POLARITY
= 1, zero-cycle hold)
1.8
–
–
ns
Table 26-33
Sound subsystem specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com