Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 155 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 155 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 151Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 152Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 153Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 154Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 155Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 156Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 157Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 158Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 159Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 209 page
background image
Datasheet
155
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID358
ILPECO_8M
LPECO current at 8 MHz
–
183
220
µA
Shared with GPIO, Load: 25 pF
BACKUP_LPECO_CTL/LPECO_AMP-
DET_EN<0:0>=0b0
SID328
tSTART_LPECO LPECO startup time[79]
––
10
ms
Startup time to 90% of final
frequency. Time from oscillator
enable
(BACKUP_LPECO_CTL.LPECO_EN<
0:0>=0b1) to stable oscillation and
sufficient amplitude
(BACKUP_LPECO_STATUS.LPECO_
READY<0:0>=0b1 and
BACKUP_LPECO_STATUS.LPECO_A
MPDET_OK<0:0>=0b1).
Table 26-23
LPECO specifications
LPECO_IN
LPECO_OUT
MCU
C1
C2
Rd
0R
VSS
C3*
C4*
Rf
VDDD
VSS
Rd
LPECO_IN: External crystal oscillator input pin
LPECO_OUT: External crystal oscillator output pin
C1, C2: Load Capacitors
C3*, C4*: Stray Capacitance of the PCB
FTrim
RTrim
ITrim
GTrim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com