Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 174 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 174 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 170Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 171Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 172Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 173Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 174Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 175Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 176Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 177Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 178Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 209 page
background image
Datasheet
174
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Notes
• One of the modes (“CMOS”, “JEDEC” or “JEDEC with slave DS”) needs to be selected depending on the requirements of the actual
memory.
• Some parameters may be available and listed separately for the individual modes. The corresponding mode will be mentioned in the
parameter description.
• Parameters without explicit mode description (e.g. tOSU)are applicable for all modes butthe voltagereferencelevel asperthe tablestill
applies.
• Ifaparameterexistsfor“JEDEC”butnotfor“JEDECwithslaveDS”,the“JEDEC”parameteralsoappliesto“JEDECwithslaveDS”(e.g.tRQ).
Figure 26-2
xSPI master data input timing reference level (JEDEC)
Table 26-36
xSPI (JEDEC JESD251) Tap/DLL setting requirement
Feature
xSPI333
xSPI266
xSPI200
Tx (MDL) Rx (SDL) Tx (MDL) Rx (SDL) Tx (MDL) Rx (SDL)
Delay Tap Setting for SMIF0
(Tx (MDL): SMIF_CORE_CTL2:MDL_TAP_SEL
Rx (SDL): SMIF_CORE_DEVICE_RX_CAPTURE_CONFIG:NEG_SDL_TAP_SEL /
POS_SDL_TAP_SEL)
60
6
1
6
2
Delay Tap Setting for SMIF1
(Tx (MDL): SMIF_CORE_CTL2:MDL_TAP_SEL
Rx (SDL): SMIF_CORE_DEVICE_RX_CAPTURE_CONFIG:NEG_SDL_TAP_SEL /
POS_SDL_TAP_SEL)
60
6
1
6
2
DLL Speed Mode (SMIF_CORE_CTL2:DLL_SPEED_MODE)
21
1
Table 26-37
Input, output supported voltage reference levels
Signal
Supported modes for voltage reference levels
CMOS
JEDEC
JEDEC with slave DS
Clock
VT = (50% × VDDIO_SMIF)
RWDS (output)
VT = (50% × VDDIO_SMIF)VOH/VOL=70%/30%×VDDIO_SMIF
DQ[7:0] (output)
VT = (50% × VDDIO_SMIF)VOH/VOL = 70% / 30% × VDDIO_SMIF
RWDS (input)
VT = (50% × VDDIO_SMIF)
DQ[7:0] (input)
VT = (50% × VDDIO_SMIF)VIH/VIL = 70% / 30% × VDDIO_SMIF
tCK
VDDIO_SMIF
VSS
Data
Strobe
Data
Input
VSS
tDSMPW
tDSMPW
VT
VIH
VIL
tRQ
tRQH
Data Stable
Data Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com