Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 182 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 182 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 178Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 179Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 180Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 181Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 182Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 183Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 184Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 185Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 186Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 209 page
background image
Datasheet
182
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID916
TPPos3
Transmit Pulse Position Offset 3
3T / 7 –
TPPos0
3T / 7
3T / 7 +
TPPos0
ns
SID917
TPPos4
Transmit Pulse Position Offset 4
4T / 7 –
TPPos0
4T / 7
4T / 7 +
TPPos0
ns
SID918
TPPos5
Transmit Pulse Position Offset 5
5T / 7 –
TPPos0
5T / 7
5T / 7 +
TPPos0
ns
SID919
TPPos6
Transmit Pulse Position Offset 6
6T / 7 –
TPPos0
6T / 7
6T / 7 +
TPPos0
ns
SID920
tLLHT
Differential driver rise time
–
–
390
ps
SID921
tLHLT
Differential driver fall time
–
–
390
ps
SID922
tRF_MATCH
Lane-to-lane rise/fall delta
–
–
40
ps
MIPI/DPHY
SID1449
fPX_BGA
Pixel clock frequency
–
–
220
MHz
SID1417
VCMRX
Common-mode voltage HS receive
mode
70
–
330
mV
SID1418
VIDTH
Differential input HIGH threshold
70
–
–
mV
SID1419
VIDTL
Differential Input LOW threshold
–
–
–70
mV
SID1420
VIHHS
Single-ended input HIGH voltage
–
–
460
mV
SID1421
VILHS
Single-ended Input LOW voltage
–40
–
–
mV
SID1422
ZID
Differential Input Impedance
80
–
125
Ω
SID1423
VIH_LS
Logic 1 input voltage LS
–
–
880
mV
SID1424
VIL_LS
Logic 0 Input voltage LS
550
–
–
mV
SID1425
VHYST
Input hysteresis
25
–
–
mV
SID1426
ILEAK
Pin leakage current DPx, DNx,
CLKP/N in LP mode
–100
–
100
µA
TA = 85°C
SID1427
IVDDA_LP
Current in LP
–
–
3
mA
SID1428
IVDDA_PD
Current when D-PHY powered
down
–
8
800
µA
Typ: TA = 25°C, VDDA_MIPI =
1.15 V, process typ (TT)
Max: TA = 105°C, VDDA_MIPI =
1.21 V, process worst (FF)
SID1428_1 IVDDA_PD_1
Current when D-PHY powered
down (room temp)
–
–
20
µA
Max: TA = 25°C, VDDA_MIPI =
1.15 V (max VREG), process
worst (FF)
SID1428_2 IVDDA_PD_2
Current when D-PHY powered
down
–
–
150
µA
Max: TA = 85°C, VDDA_MIPI =
1.15 V (max VREG), process
worst (FF)
SID1429
IVDDA_ULP
Current in ULP
–
–
2
mA
SID1430
IVDDA_HS
current in HS
–
–
35
mA
SID1431
tCLK_TERM_EN
Time for the Clock Lane receiver to
enable the HS line termination,
starting from the time point when
Dn crosses VIL,MAX
–
–
38
ns
SID1432
tD_TERM_EN
Time for the Data Lane receiver to
enable the HS line termination,
starting from the time point when
Dn crosses, VIL,MAX
–
–
38
ns
SID1433
tCLK_SETTLE
Time interval during which HS
receiver should ignore any Clock
Lane HS transitions, starting from
the beginning of TCLK-PREPARE
95
–
300
ns
SID1434
tHS_SETTTLE
Time interval during which the HS
receiver shall ignore any DATA Lane
HS transitions, starting from the
beginning of THSPREPARE. The HS
receiver shall ignore any Data Lane
transitions before minimum value,
and the HS receiver shall respond
to any Data Lane transitions after
maximum value
85 +
6 × UI
–
145 +
10 × UI
ns
Table 26-39
Graphics specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com