Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp TSI721 Datasheet HTML 28Page - Renesas Technology Corp TSI721 Datasheet HTML 29Page - Renesas Technology Corp TSI721 Datasheet HTML 30Page - Renesas Technology Corp TSI721 Datasheet HTML 31Page - Renesas Technology Corp TSI721 Datasheet HTML 32Page - Renesas Technology Corp TSI721 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Tsi721 Datasheet
29
April 4, 2016
Integrated Device Technology
3.4
Power Supply Sequencing
This section contains power-up and power-down supply sequencing for the Tsi721.
3.4.1
Power-Up Sequencing
The Tsi721 must have its supplies powered up as follows:
1. VDD and AVDD10 (1.0V) must be powered up together.
To achieve this requirement AVDD10 can be supplied from the same regulator as VDD, but must be isolated on the board
through a ferrite bead.
2. VDDIO, AVDD25, AVTT, and the 1.0V supplies (VDD and AVDD10) can be powered up in any order.
3. The voltages on any input or I/O pin cannot exceed its corresponding supply voltage during power supply ramp up.
4. The power supply ramp rates must be kept between 10 V/s and 0.5x10E6 V/s to minimize power current spikes during power
up. This leads to the ramp times specified in the following table.
3.4.2
Power-Down Sequencing
The Tsi721 must have its supplies powered down as follows:
1. VDD and AVDD10 (1.0V) must be powered down together. To achieve this requirement AVDD10 can be supplied from the
same regulator as VDD, but must be isolated on the board through a ferrite bead.
2. VDDIO, AVDD25, AVTT, and the 1.0V supplies (VDD and AVDD10) can be powered down in any order.
-40
Max.
1.05
829
1.05
192
2.75
159
1.70
350
3.47
20
2.17
Typ.
1.00
765
1.00
175
2.50
149
1.50
335
3.30
18
1.87
Min.
0.95
707
0.95
159
2.25
141
1.40
320
3.14
17
1.64
Table 14: Power Supply Sequencing Ramp Times
V
V/s
10
5.00E+05
3.3
330000 us
6.6 us
2.5
250000 us
5 us
1.5
150000 us
3 us
1
100000 us
2 us
Table 13: Power Consumption (Continued)
Junction
Temp
(0C)
Voltage
VDD
AVDD10
AVDD25
AVTT
VDDIO
Total
Power (W)
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com