Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 45Page - Renesas Technology Corp TSI721 Datasheet HTML 46Page - Renesas Technology Corp TSI721 Datasheet HTML 47Page - Renesas Technology Corp TSI721 Datasheet HTML 48Page - Renesas Technology Corp TSI721 Datasheet HTML 49Page - Renesas Technology Corp TSI721 Datasheet HTML 50Page - Renesas Technology Corp TSI721 Datasheet HTML 51Page - Renesas Technology Corp TSI721 Datasheet HTML 52Page - Renesas Technology Corp TSI721 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Tsi721 Datasheet
49
April 4, 2016
Integrated Device Technology
3.7.4.3.2
Level II Short Run Transmitter Specifications
1. For all Load Types: R_Rdin = 100 Ohm + 20 Ohm. For Vcm definition, see Figure 6.
Table 26: Level II Short Run Transmitter Output Electrical Specifications
Characteristic
Symbol
Reference
Minimum
Typical
Maximum
Units
Baud rate (5 Gbps)
T_Baud
Section
10.3.2.1.2
5.00
-0.01%
5.00
5.00
+0.01%
Gbps
Absolute output voltage
VO
Section
10.3.2.1.3
-0.40
-
2.30
Volts
Output differential voltage
(into floating load Rload = 100 Ohm)
T_Vdiff
Section
10.3.2.1.3
400
-
750
mVppd
Differential resistance
T_Rd
Section
10.3.2.1.6
80
100
120
Ohm
Recommended output rise and fall
times (20% to 80%)
T_tr, T_tf
Section
10.3.2.1.4
30
-
-
ps
Differential output return loss
(100 MHz to 0.5 *T_Baud)
T_SDD22
Section
10.3.2.1.6
--
-8
dB
Differential output return loss
(0.5*T_Baud to T_Baud)
---
dB
Common mode return loss
(100 MHz to 0.75 *T_Baud)
T_TCC22
Section
10.3.2.1.6
--
-6
dB
Transmitter common mode noise
T_Ncm
-
-
-
5% of
T_Vdiff
mVppd
Output common mode voltage
T_Vcm
Load Type
01,2,3,4
Section
8.5.3
0.0
-
1.8
V
Load Type
11,3,4,6
Section
8.5.3
735
-
1135
mV
Load Type
21,3,4
Section
8.5.3
550
-
1060
mV
Load Type
31,3,4,5
Section
8.5.3
490
-
850
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com