Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 32Page - Renesas Technology Corp TSI721 Datasheet HTML 33Page - Renesas Technology Corp TSI721 Datasheet HTML 34Page - Renesas Technology Corp TSI721 Datasheet HTML 35Page - Renesas Technology Corp TSI721 Datasheet HTML 36Page - Renesas Technology Corp TSI721 Datasheet HTML 37Page - Renesas Technology Corp TSI721 Datasheet HTML 38Page - Renesas Technology Corp TSI721 Datasheet HTML 39Page - Renesas Technology Corp TSI721 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
Tsi721 Datasheet
36
April 4, 2016
Integrated Device Technology
ITX-SHORT
Transmitter short-circuit
current limit
-
90
-
90
mA
The total current transmitter can supply
when shorted to ground.
VTX-DC-CM
Transmitter DC
common-mode voltage
0
3.6
0
3.6
V
The allowed DC common-mode voltage
at the Transmitter pins under any
condition.
VTX-CM-DC-ATIV
E-IDLE-DELTA
Absolute delta of DC
common-mode voltage
during L0 and Electrical
Idle
0
100
0
100
mV
|VTX-CM-DC[during L0] -
VTX-CM-Idle-DC[during Electrical Idle]| <=
100mV
VTX-CM-DC = DC(avg) of |VTX-D+ +
VTX-D-|/2
VTX-CM-Idle-DC = DC(avg) of |VTX-D+ +
VTX-D-|/2 [Electrical Idle]
VTX-CM-DC-LINE-
DELTA
Absolute delta of DC
common-mode voltage
between D+ and D-
025025
mV
|VTX-CM-DC-D+[during L0] - VTX-CM-DC-D-
[during L0]| <= 25mV
VTX-CM-DC-D+ = DC(avg) of |VTX-D+|
[during L0]
VTX-CM-DC-D- = DC(avg) of |VTX-D-|
[during L0]
VTX-IDLE-DIFF_A
C-p
Electrical idle differential
peak output voltage
020020
mV
VTX-IDLE-DIFFp= |VTX-Idle-D+ - VTX-Idle-D-|
<= 20mV. Voltage must be high pass
filtered to remove any DC component.
VTX-IDLE-DIFF_DC DC electrical idle
differential output voltage
Not specified
0
5
mV
VTX-IDLE-DIFF-DC= |VTX-Idle-D+ -
VTX-Idle-D-| <= 5 mV. Voltage must be
low pass filtered to remove any AC
component. Filter characteristics
complementary to those for
VTX-IDLE-DIFF-AC-p
VTX-RCV-DETECT The amount of voltage
change allowed during
receiver detection
-
600
-
600
mV
The total amount of voltage change in a
positive direction that a Transmitter can
apply to sense whether a low
impedance Receiver is present. Note:
Receivers display substantially different
impedance for VIN < 0 versus VIN > 0.
See Table 4-12 of PCI Express Base
Specification (Rev. 2.1) for more
information.
TTX-IDLE-MIN
Minimum time spent in
electrical idle
20
-
20
-
ns
Minimum time a Transmitter must be in
Electrical Idle
Table 19: PCIe Differential Transmitter Specifications (Continued)
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com