Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp TSI721 Datasheet HTML 28Page - Renesas Technology Corp TSI721 Datasheet HTML 29Page - Renesas Technology Corp TSI721 Datasheet HTML 30Page - Renesas Technology Corp TSI721 Datasheet HTML 31Page - Renesas Technology Corp TSI721 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Tsi721 Datasheet
28
April 4, 2016
Integrated Device Technology
3.2
Recommended Operating Conditions
3.3
Power Consumption
Table 13 lists the current draw for each supply group for different environmental conditions. Test characteristics were are
follows:
• RapidIO and PCIe links configured at operated at 5 Gbps in x4 mode
• Traffic passed through the Tsi721 with a high incidence of 0/1 toggling
• Power measurements are based on worst case fast silicon processing. A “Total Power” reduction in excess of 5% can be
expected for nominal/typical silicon.
Table 12: Recommended Operating Conditionsa
a. Exposure to conditions outside the recommended operating conditions can affect the operation and/or reliability of the device.
Symbol
Parameter
Minimum
Maximum
Units
TA
Ambient temperature – Commercial
0
70
C
Ambient temperature – Industrial
-40
85
C
TJN
Junction temperature
-
110
C
VDDIO
3.3V LVTTL I/O supply voltage
3.14
3.47
V
2.5V LVTTL I/O supply voltage
2.4
2.6
V
VDD
1.0V Core supply voltage
0.95
1.05
V
AVDD10
1.0V SerDes analog supply voltage
0.95
1.05
V
AVDD25
2.5V SerDes analog supply voltage
2.25
2.75
V
AVTT
1.5V SerDes transmitter analog supply voltage
1.4
1.7
V
Table 13: Power Consumption
Junction
Temp
(0C)
Voltage
VDD
AVDD10
AVDD25
AVTT
VDDIO
Total
Power (W)
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]
Voltage
(V)
Current
[mA]
125
Max.
1.05
3000
1.05
330
2.75
165
1.70
350
3.47
20
4.61
Typ.
1.00
2722
1.00
281
2.50
153
1.50
335
3.30
18
3.95
Min.
0.95
2458
0.95
242
2.25
144
1.40
320
3.14
17
3.39
25
Max.
1.05
1110
1.05
214
2.75
161
1.70
350
3.47
20
2.50
Typ.
1.00
1003
1.00
190
2.50
151
1.50
335
3.30
18
2.13
Min.
0.95
909
0.95
170
2.25
142
1.40
320
3.14
17
1.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com