Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 35Page - Renesas Technology Corp TSI721 Datasheet HTML 36Page - Renesas Technology Corp TSI721 Datasheet HTML 37Page - Renesas Technology Corp TSI721 Datasheet HTML 38Page - Renesas Technology Corp TSI721 Datasheet HTML 39Page - Renesas Technology Corp TSI721 Datasheet HTML 40Page - Renesas Technology Corp TSI721 Datasheet HTML 41Page - Renesas Technology Corp TSI721 Datasheet HTML 42Page - Renesas Technology Corp TSI721 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Tsi721 Datasheet
39
April 4, 2016
Integrated Device Technology
The Level I long run defines a transmitter and receiver that use larger voltage swings and channel equalization that allows a
user to drive signals across two connectors and backplanes.
The two transmitter specifications allows for a medium run specification that also uses larger voltage swings that can drive
signals across a backplane but simplifies the receiver requirements to minimize power and complexity. This option has been
included to allow the system integrator to deploy links that take advantage of either channel materials and/or construction
techniques that reduce channel loss to achieve lower power systems.
All unit intervals are specified with a tolerance of ±100 ppm. The worst case frequency difference between any transmit and
receive clock is 200 ppm.
The electrical specifications are based on loss, jitter, and channel cross-talk budgets and defines the characteristics required to
communicate between a transmitter and a receiver using nominally 100 Ohm differential copper signal traces on a printed
circuit board. Rather than specifying materials, channel components, or configurations, this specification focuses on effective
channel characteristics. Therefore, a short length of poorer material should be equivalent to a longer length of premium
material. A 'length' is effectively defined in terms of its attenuation rather than physical distance.
3.7.3.2
Definition of Amplitude and Swing
LP-Serial links use differential signaling. This section defines the terms used in the description and specification of these
differential signals. Figure 6 shows how these signals are defined and sets out the relationship between absolute and
differential voltage amplitude. The figure shows waveforms for either the transmitter output (TD and TD_N) or a receiver input
(RD and RD_N).
Figure 6: S-RIO Definition of Transmitter Amplitude and Swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com