Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 57Page - Renesas Technology Corp TSI721 Datasheet HTML 58Page - Renesas Technology Corp TSI721 Datasheet HTML 59Page - Renesas Technology Corp TSI721 Datasheet HTML 60Page - Renesas Technology Corp TSI721 Datasheet HTML 61Page - Renesas Technology Corp TSI721 Datasheet HTML 62Page - Renesas Technology Corp TSI721 Datasheet HTML 63Page - Renesas Technology Corp TSI721 Datasheet HTML 64Page - Renesas Technology Corp TSI721 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
Tsi721 Datasheet
61
April 4, 2016
Integrated Device Technology
3.7.8
GPIO Interface Signal Timings
The following table lists the AC specifications for the GPIO Interface of the Tsi721.
3.7.9
RSTn Signal Timings
The following table lists the RSTn signal timing for the Tsi721 (see PCIe spec 2.1 section 6.6.1 and CEM 2.0 table 2.6.2).
Table 35: GPIO Interface AC Specifications
Symbol
Parameter
Minimum Maximum
Units
Notes
TMIN-HIGH
Minimum signal high time
50
-
ns
-
TMIN-LOW
Minimum signal low time
50
-
ns
-
Table 36: RSTn Signal AC Specifications
Symbol
Parameter
Minimum Maximum
Units
Notes
Tperst
When asserted, RSTn must remain
asserted at least this long
100
-
us
-
Tfail
When power become invalid, RSTn must be
asserted within this time
-
500
ns
-
Tperst-clk
RSTn must remain asserted after any
supplied reference clock (REFCLK and
PCCLK) is stable
100
-
us
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com