Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 19Page - Renesas Technology Corp TSI721 Datasheet HTML 20Page - Renesas Technology Corp TSI721 Datasheet HTML 21Page - Renesas Technology Corp TSI721 Datasheet HTML 22Page - Renesas Technology Corp TSI721 Datasheet HTML 23Page - Renesas Technology Corp TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Tsi721 Datasheet
23
April 4, 2016
Integrated Device Technology
2.10
Power-up Signals
Table 9: Power-Up Signals
Name
Pin Type
Description
CLKMOD
I-PU
Clock mode. When high, Tsi721 uses “PCIe common clocked mode.” When low,
it uses “PCIe non-common clocked mode.” It is a static signal.
CLKSEL[1:0]
IO
REFCLKP/REFCLKN clock frequency select; PCCLKP/PCCLKN clock
frequency select when in PCIe non-common clock mode.
• 0b11 = 125 MHz
• 0b10 = 100 MHz
• 0b01 = 156.25 MHz
•Others = Reserved
When a 100-MHz clock is used, S-RIO SerDes rates of 1.25/2.5/5 Gbaud are
supported.
When a 125/156.25-MHz clock is used, S-RIO SerDes rates of
1.25/2.5/3.125/5 Gbaud are supported.
When either a 100/125/156.25-MHz clock is used, PCIe SerDes rates of
2.5/5 Gbaud are supported.
These power-up signals are multiplexed with GPIO[12:11]. It is a static signal.
I2C_DISABLE
IO
Disable I2C register loading after reset. When asserted, Tsi721 does not attempt
to load register values from an EEPROM over the I2C bus.
0 = Enable boot load from EEPROM
1 = Disable boot load from EEPROM
This power-up signal is multiplexed with GPIO[4]. It is a static signal.
I2C_MA
IO
I2C multi-byte address mode. If I2C_DISABLE == 0 (that is, download registers
from EEPROM) then:
0 = Tsi721 uses 1-byte addressing for EEPROM
1 = Tsi721 uses 2-byte addressing for EEPROM
Else I2C_DISABLE == 1 (do not download from EEPROM)
• 0 = Tsi721 is boot loaded by the PCIe root complex after reset
• 1 = Tsi721 is boot loaded by an external I2C master after reset
This power-up signal is multiplexed with GPIO[6]. It is a static signal.
I2C_SA[3:0]
IO
I2C slave address. The values on these pins represent the values for the 7-bit
address of the Tsi721 when acting as an I2C slave.
These signals, in combination with the I2C_SEL signal, determine the address of
the EEPROM to boot from (see I2C_SEL pin description).
The values on these pins can be overridden after a reset by writing to the I2C
Slave Configuration Register.
These power-up signals are multiplexed with GPIO[3:0]. It is a static signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com