Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 29Page - Renesas Technology Corp TSI721 Datasheet HTML 30Page - Renesas Technology Corp TSI721 Datasheet HTML 31Page - Renesas Technology Corp TSI721 Datasheet HTML 32Page - Renesas Technology Corp TSI721 Datasheet HTML 33Page - Renesas Technology Corp TSI721 Datasheet HTML 34Page - Renesas Technology Corp TSI721 Datasheet HTML 35Page - Renesas Technology Corp TSI721 Datasheet HTML 36Page - Renesas Technology Corp TSI721 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
Tsi721 Datasheet
33
April 4, 2016
Integrated Device Technology
1. Receiver eye margins are defined into a 2 x 50 W reference load. A Receiver is characterized by driving it with a signal whose
characteristics are defined by the parameters specified in Table 4-10 and Table 4-11 of the PCI Express Base Specification
(Rev. 2.1)
2. The four inherent timing error parameters are defined for the convenience of Rx designers, and they are measured during
Receiver tolerancing.
3. Two combinations of PLL BW and peaking are specified at 5.0 Gbps to permit designers to make a trade off between the
two parameters. If the PLL’s minimum BW is >= 8MHz, then up to 3.0 dB of peaking is permitted. If the PLL’s minimum BW
is relaxed to >= 5.0 MHz, then a tighter peaking value of 1.0 dB must be met. Note: A PLL BW extends from zero up to the
value(s) defined as the minimum or maximum in the table. For 2.5 Gbps a single PLL bandwidth and peaking value of 1.5-22
MHz and 3.0 dB are defined.
4. Measurements must be made for both common mode and differential return loss. In both cases the DUT must be powered
up and DC isolated, and its D+/D- inputs must be in the low-Z state.
5. The Rx DC Common Mode Impedance must be present when the Receiver terminations are first enabled to ensure that the
Receiver Detect occurs properly. Compensation of this impedance can start immediately and the Rx Common Mode
Impedance (constrained by RLRX-CM to 50 W +/-20%) must be within the specified range by the time Detect is entered.
6. Common mode peak voltage is defined by the expression: maximum{|(Vd+ - Vd-) - VCMDC|}.
ZRX-HIGH-IMP-D
C-POS
DC input CM input
impedance for V>0 during
reset or power down
50 k
-
50 k
-
W
Rx DC CM impedance with the Rx
terminations not powered, measured
over the range 0 - 200 mV with respect
to ground. See Note 7.
ZRX-HIGH-IMP-D
C-NEG
DC input CM input
impedance for V<0 during
reset or power down
1.0 k
-
1.0 k
-
W
Rx DC CM impedance with the Rx
terminations not powered, measured
over the range -150 - 0 mV with respect
to ground. See Note 7.
VRX-IDLE-DET-DI
FFp-P
Electrical idle detect
threshold
65
175
65
175
mV
VRX-IDEL-DET-DIFFp-p = 2*|VRX-D+ -
VRX-D-|. Measured at the package pins
of the Receiver. See Section 4.2.4.3 of
PCI Express Base Specification
(Rev. 2.1)
TRX-IDLE-DET-DI
FF-ENTERTIME
Unexpected electrical Idle
enter detect threshold
integration time
-
10
-
10
ms
An unexpected Electrical Idle
(VRX-DIFFp-p < VRX-IDEL-DET-DIFFp-p)
must be recognized no longer then
TRX-IDLE-DET-DIFF-ENTERTIME to signal an
unexpected idle condition.
LRX-SKEW
Lane-to-lane skew
-
20
-
8
ns
Across all Lanes on a Port. this includes
variation in the length of a SKP Ordered
Set at the Rx as well as any delay
differences arising from the interconnect
itself. See Note 8.
Table 18: PCIe Differential Receiver Specifications (Continued)
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com