Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 11Page - Renesas Technology Corp TSI721 Datasheet HTML 12Page - Renesas Technology Corp TSI721 Datasheet HTML 13Page - Renesas Technology Corp TSI721 Datasheet HTML 14Page - Renesas Technology Corp TSI721 Datasheet HTML 15Page - Renesas Technology Corp TSI721 Datasheet HTML 16Page - Renesas Technology Corp TSI721 Datasheet HTML 17Page - Renesas Technology Corp TSI721 Datasheet HTML 18Page - Renesas Technology Corp TSI721 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
Tsi721 Datasheet
15
April 4, 2016
Integrated Device Technology
1.4.2
Video and Imaging Application
In video and imaging applications, system designers need to cluster large numbers of DSPs or FPGAs to perform
encoding/decoding/trans coding, or do FFTs (Fast Fourier Transform) on large arrays of data. The RapidIO protocol is optimal
for this DSP/FPGA cluster requirement. However, the analog front-end to the system is usually a sensor with streaming data
terminated in an FPGA (for example, a camera subsystem). This is usually in an PCIe network, often with a PC back-end. In
these applications the designer needs to bridge between a PCIe network and the RapidIO DSP/FPGA cluster. The Tsi721 is
ideal for this application.
Figure 3: Video and Imaging Application
1.4.3
Wireless Application
In wireless base stations, the incumbent interconnect technology in the baseband processing cards – LTE, WiMAX, WCDMA,
and TD-SCDMA – is RapidIO. RapidIO connects a cluster of DSPs, processor, and FPGA, locally on the baseband processor
for MAC and PHY layer processing. However, the LTE standard pushes the performance available in existing RapidIO enabled
microprocessors.
The Tsi721 provides wireless OEMs with an additional option to use an x86 processor with superior MIPs in a baseband card
that is predominantly RapidIO. In these card designs, RapidIO is the interconnect between devices and functions as the
backplane interconnect. x86 processors can now be used with other RapidIO devices on the baseband card and leverage the
messaging performance of RapidIO for this peer-to-peer multiprocessor network.
Tsi721
PCIe to
S-RIO
x4 PCIe
x4 S-RIO
DSP/FPGA
S-RIO
x4 S-RIO
x4 S-RIO
DSP/FPGA
S-RIO
x4 S-RIO
DSP/FPGA
S-RIO
x4 S-RIO
DSP/FPGA
S-RIO
IDT Clock
156.25
MHz
RapidIO Switch
(CPS-1848,
CPS-1616,
Tsi578)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com