Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 59Page - Renesas Technology Corp TSI721 Datasheet HTML 60Page - Renesas Technology Corp TSI721 Datasheet HTML 61Page - Renesas Technology Corp TSI721 Datasheet HTML 62Page - Renesas Technology Corp TSI721 Datasheet HTML 63Page - Renesas Technology Corp TSI721 Datasheet HTML 64Page - Renesas Technology Corp TSI721 Datasheet HTML 65Page - Renesas Technology Corp TSI721 Datasheet HTML 66Page - Renesas Technology Corp TSI721 Datasheet HTML 67Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
Tsi721 Datasheet
64
April 4, 2016
Integrated Device Technology
4.3
Thermal Characteristics
Heat generated by the packaged silicon must be removed from the package to ensure the silicon is maintained within its
functional and maximum design temperature limits. If heat buildup becomes excessive, the silicon temperature may exceed
the temperature limits. A consequence of this is that the silicon may fail to meet the performance specifications and the
reliability objectives may be affected.
Failure mechanisms and failure rate of a device has an exponential dependence on the silicon operating temperatures.
Therefore, the control of the package, and by extension the junction temperature, is essential to ensure product reliability. The
Tsi721 is specified safe for operation when the junction temperature is within the recommended limits as displayed in Table 12.
Table 38 shows the simulated thermal characteristic (Theta JB and Theta JC) of the Tsi721 package.
Table 39 shows the simulated junction to ambient characteristics of the Tsi721. The thermal resistance Theta JA
characteristics of a package depends on multiple variables other than just the package. In a typical application, designers must
consider various system-level and environmental characteristics, such as:
• Package mounting (vertical/horizontal)
• System airflow conditions (laminar/turbulent)
• Heat sink design and thermal characteristics
• Heat sink attachment method
• PWB size, layer count, and conductor thickness
• Influence of the heat dissipating components assembled on the PWB (neighboring effects)
The results in Table 39 are based on a JEDEC Thermal Test Board configuration (JESD51-9), and do not factor in the
system-level characteristics described above. As such, these values are for reference only.
4.4
Moisture Sensitivity
The moisture sensitivity level (MSL) for the Tsi721 is 4.
Table 38: Junction to Ambient Characteristics – Theta JB/JC
Interface
Results (C/W)
Theta JB
8.78
Theta JC
0.11
Table 39: Junction to Ambient Characteristics – Theta JA
Device
Theta JA (C/W)
0 m/s
1 m/s
2 m/s
Tsi721
13.1
12.06
11.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com