Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 55Page - Renesas Technology Corp TSI721 Datasheet HTML 56Page - Renesas Technology Corp TSI721 Datasheet HTML 57Page - Renesas Technology Corp TSI721 Datasheet HTML 58Page - Renesas Technology Corp TSI721 Datasheet HTML 59Page - Renesas Technology Corp TSI721 Datasheet HTML 60Page - Renesas Technology Corp TSI721 Datasheet HTML 61Page - Renesas Technology Corp TSI721 Datasheet HTML 62Page - Renesas Technology Corp TSI721 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
Tsi721 Datasheet
59
April 4, 2016
Integrated Device Technology
Figure 15: LVPECL to REFCLKP/N / PCCLKP/N
3.7.6
JTAG and Test Interface Signal Timings
The following table lists the AC specifications for Tsi721’s JTAG and test interface.
Table 33: JTAG and Test Interface AC Specifications
Symbol
Parameter
Minimum Maximum
Units
Notes
TBSF
TCK frequency
0
25
MHz
-
TBSCH
TCK high time
50
-
ns
Measured at 1.5V
TBSCL
TCK low time
50
-
ns
Measured at 1.5V
TBSCR
TCK rise time
-
25
ns
0.8V to 2.0V
TBSCF
TCK fall time
-
25
ns
2.0V to 0.8V
TBSIS1
Input setup to TCK
10
-
ns
-
TBSIH1
Input hold from TCK
10
-
ns
-
TBSOV1
TDO output valid delay from falling edge of
TCK.a
a. Outputs precharged to VDD.
-15
ns
-
TOF1
TDO output float delay from falling edge of
TCK
-15
ns
-
TBSTRST1
TRSTn release before RSTn release
-
10
ns
TRSTn must
become asserted
while RSTn is
asserted during
device power-up
TBSTRST2
TRSTn release before TMS or TDI activity
1
-
ns
-
PCCLK/REFCLK
LVPECL
150
ohms
150
ohms
Clock source
82
ohms
3.3V
3.3V
124
ohms
124
ohms
82
ohms
0.1uf
0.1uf
Tsi7xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com