Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 13Page - Renesas Technology Corp TSI721 Datasheet HTML 14Page - Renesas Technology Corp TSI721 Datasheet HTML 15Page - Renesas Technology Corp TSI721 Datasheet HTML 16Page - Renesas Technology Corp TSI721 Datasheet HTML 17Page - Renesas Technology Corp TSI721 Datasheet HTML 18Page - Renesas Technology Corp TSI721 Datasheet HTML 19Page - Renesas Technology Corp TSI721 Datasheet HTML 20Page - Renesas Technology Corp TSI721 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
Tsi721 Datasheet
17
April 4, 2016
Integrated Device Technology
2.
Signals
Topics discussed include the following:
• Overview
• Ballmap
• Pinlist
• PCIe Signals
• S-RIO Signals
• General Signals
• I2C Signals
• JTAG and Test Interface Signals
• GPIO Signals
• Power-up Signals
• Power Supply Signals
2.1
Overview
The following conventions are used in this chapter:
• Signals with the suffix “P” are the positive half of a differential pair.
• Signals with the suffix “N” are the negative half of a differential pair.
• Signals with the suffix “n” are active low.
Signals are classified according to the types defined in the following table.
Table 1: Signal Types
Pin Type
Definition
I
3.3/2.5V LVTTL Input
O
3.3/2.5V LVTTL Output
IO
3.3/2.5V LVTTL Bidirectional
IO-OD
3.3/2.5V LVTTL Bidirectional Open Drain
OD
3.3/2.5V LVTTL Open Drain
I-PU
3.3/2.5V LVTTL Input with Pull-up
I-PD
3.3/2.5V LVTTL Input with Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com