Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 56Page - Renesas Technology Corp TSI721 Datasheet HTML 57Page - Renesas Technology Corp TSI721 Datasheet HTML 58Page - Renesas Technology Corp TSI721 Datasheet HTML 59Page - Renesas Technology Corp TSI721 Datasheet HTML 60Page - Renesas Technology Corp TSI721 Datasheet HTML 61Page - Renesas Technology Corp TSI721 Datasheet HTML 62Page - Renesas Technology Corp TSI721 Datasheet HTML 63Page - Renesas Technology Corp TSI721 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
Tsi721 Datasheet
60
April 4, 2016
Integrated Device Technology
3.7.7
I2C Interface Signal Timings
The following table lists the AC specifications for the I2C Interface of the Tsi721.
1. Not tested.
2. See timing diagram displayed in Figure 16.
3. After this period, the first clock pulse is generated.
Figure 16: I2C Interface Signal Timings
Table 34: I2C Interface AC Specifications
Symbol
Parameter
Minimum Maximum
Units
Notes
FSCL
I2C_SCLK clock frequency
0
100
kHz
-
TLOW
I2C_SCLK clock low time
4.7
-
us
See Notes 1 and 2.
THIGH
I2C_SCLK clock high time
4.0
-
us
See Notes 1 and 2.
THDDAT
Data hold time
0
3.45
us
See Note 2.
TSUDAT
Data setup time
250
-
ns
See Note 2.
TSR
Rise time of I2C_SCLK and I2C_SD
-
1000
ns
See Note 2.
TSF
Fall time of I2C_SCLK and I2C_SD
-
300
ns
See Note 2.
TBUF
Bus free time between STOP and START
condition
4.7
-
us
See Note 2.
THDSTA
Hold Time (repeated) START condition
4.0
-
us
See Notes 2 and 3.
TSUSTA
Setup time for repeated START condition
4.7
-
us
See Note 2.
TSUSTO
Setup time for STOP condition
4.0
-
us
See Note 2.
SDA
SCL
TBUF
Stop
Start
TLOW
THDSTA
THIGH
TSR
THDDAT
TSF
TSUDAT TSUSTA
Repeated
THDSTA
TSP
Stop
TSUSTO
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com