Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 48Page - Renesas Technology Corp TSI721 Datasheet HTML 49Page - Renesas Technology Corp TSI721 Datasheet HTML 50Page - Renesas Technology Corp TSI721 Datasheet HTML 51Page - Renesas Technology Corp TSI721 Datasheet HTML 52Page - Renesas Technology Corp TSI721 Datasheet HTML 53Page - Renesas Technology Corp TSI721 Datasheet HTML 54Page - Renesas Technology Corp TSI721 Datasheet HTML 55Page - Renesas Technology Corp TSI721 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
Tsi721 Datasheet
52
April 4, 2016
Integrated Device Technology
During the steady-state, the eye mask prevents the transmitter from de-emphasizing the low frequency content of the data too
much and limiting the available signal-to-noise at the receiver. The de-emphasis introduces a jitter artifact that is not accounted
for in this eye mask. This additional jitter is caused by the finite rise/fall time of the transmitter and the non-uniform voltage
swing between the transitions. This additional deterministic jitter must be accounted for as part of the high probability jitter and
is specified in the following table.
Table 28: Level II Medium Run Near-End (Tx) Template Intervals
Characteristic
Symbol
Near-End MRValue
Comments
Units
Eye mask
T_X1
0.15
-
UI
Eye mask
T_X2
0.40
-
UI
Eye mask
T_Y1
200
For connection
to short run Rx
mV
400
For connection
to long run Rx
Eye mask
T_Y2
375
For connection
to short run Rx
mV
600
For connection
to long run Rx
Eye mask
T_Y3
N/A
-
mV
Uncorrelated bounded high probability
jitter
T_UBHPJ
0.15
-
UIpp
Duty cycle distortion
T_DCD
0.05
-
UIpp
Total jitter
T_TJ
0.30
-
UIpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com