Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 36Page - Renesas Technology Corp TSI721 Datasheet HTML 37Page - Renesas Technology Corp TSI721 Datasheet HTML 38Page - Renesas Technology Corp TSI721 Datasheet HTML 39Page - Renesas Technology Corp TSI721 Datasheet HTML 40Page - Renesas Technology Corp TSI721 Datasheet HTML 41Page - Renesas Technology Corp TSI721 Datasheet HTML 42Page - Renesas Technology Corp TSI721 Datasheet HTML 43Page - Renesas Technology Corp TSI721 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
Tsi721 Datasheet
40
April 4, 2016
Integrated Device Technology
Each signal swings between the voltages VHIGH and VLOW where:
VHIGH > VLOW
The differential voltage, VDIFF is defined as:
VDIFF = VD+ - VD-
where VD+ is the voltage on the positive conductor and VD- is the voltage on the negative conductor of a differential
transmission line. VDIFF represents either the differential output signal of the transmitter, VOD, or the differential input signal of
the receiver, VID where:
VOD = VTD - VTD
and
VID = VRD - VRD
The common mode voltage, VCM, is defined as the average or mean voltage present on the same differential pair. Therefore:
VCM = | VD+ + VD- | / 2
The maximum value, or the peak-to-peak differential voltage, is calculated on a per unit interval and is defined as:
VDIFFp-p = 2 x max | VD+ - VD- |
because the differential signal ranges from VD+ - VD- to -(VD+ - VD-)
To illustrate these definitions using real values, consider the case of a CML (Current Mode Logic) transmitter and each of its
outputs, TD and TD_N, has a swing that goes between VHIGH = 2.5V and VLOW = 2.0V, inclusive. Using these values the
common mode voltage is calculated to be 2.25 V and the single-ended peak voltage swing of the signals TD and TD_N is
500 mVpp. The differential output signal ranges between 500 mV and -500 mV, inclusive. therefore the peak-to-peak
differential voltage is 1000 mVppd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com