Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 20Page - Renesas Technology Corp TSI721 Datasheet HTML 21Page - Renesas Technology Corp TSI721 Datasheet HTML 22Page - Renesas Technology Corp TSI721 Datasheet HTML 23Page - Renesas Technology Corp TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp TSI721 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
Tsi721 Datasheet
24
April 4, 2016
Integrated Device Technology
I2C_SEL
IO
I2C pin select. Combined with the I2C_SA[1,0] pins, Tsi721 will determine the
lower 2 bits of the 7-bit address of the EEPROM address it boots from.
When asserted, the I2C_SA[1:0] pins represent the two LSBs of the 7-bit
EEPROM slave address when Tsi721 acts as a I2C master downloading from an
EEPROM. The EEPROM slave address is as follows:
A6 = 1
A5 = 0
A4 = 1
A3 = 0
A2 = 0
A1 = I2C_SA[1]
A0 = I2C_SA[0]
When de-asserted, the I2C_SA[1:0] pins are ignored and the lower two bits of
the EEPROM address default to 00. The values of the EEPROM address can be
overridden by software after initialization.
This power-up signal is multiplexed with GPIO[5]. It is a static signal.
SP_DEVID
IO
S-RIO base deviceID control
When the SP_HOST pin is high, it configures the reset value of the RapidIO
Base deviceID CSR: the LSB of the CSR’s BASE_ID and LAR_BASE_ID fields
are set to SP_DEVID, while other bits of these fields are set to 0.
When the SP_HOST pin is low and SP_DEVID is high, it configures the reset
value of the RapidIO Base deviceID CSR: the CSR’s BASE_ID and
LAR_BASE_ID fields are set to all ones.
When the SP_HOST pin is low and SP_DEVID is low, it configures the reset
value of the RapidIO Base deviceID CSR: the CSR’s BASE_ID field is set to
0xFE and the CSR’s LAR_BASE_ID field are set to 0x00FE.
This signal is multiplexed with GPIO[10]. It is a static signal.
SP_HOST
IO
S-RIO host / slave control. This signal sets the reset value of the HOST bit of the
RapidIO Port General Control CSR.
0 = Tsi721 is an S-RIO slave.
1 = Tsi721 is an S-RIO host.
This signal is multiplexed with GPIO[9]. It is a static signal.
SP_SWAP_RX
IO
S-RIO receive lane swap. This signal sets the reset value of the SWAP_RX[1:0]
bits of RapidIO PLM Port Implementation Specific Control Register.
0 = Disable S-RIO port receive lane swap; that is, set the SWAP_RX[1:0]
register bits to 0b00.
1 = Enable S-RIO port receive 4x lane swap; that is, set the SWAP_RX[1:0]
register bits to 0b10.
This signal is multiplexed with GPIO[7].
Table 9: Power-Up Signals (Continued)
Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com